Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

015-91-1783 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 015-91-1783
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 78 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

015-91-1783 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  015-91-1783 Datasheet HTML 1Page - Molex Electronics Ltd. 015-91-1783 Datasheet HTML 2Page - Molex Electronics Ltd. 015-91-1783 Datasheet HTML 3Page - Molex Electronics Ltd. 015-91-1783 Datasheet HTML 4Page - Molex Electronics Ltd. 015-91-1783 Datasheet HTML 5Page - Molex Electronics Ltd. 015-91-1783 Datasheet HTML 6Page - Molex Electronics Ltd. 015-91-1783 Datasheet HTML 7Page - Molex Electronics Ltd. 015-91-1783 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


Similar Part No. - 015-91-1783

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
015-91-1781 MOLEX2-015-91-1781 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 78 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
015-91-1782 MOLEX2-015-91-1782 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 78 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
More results

Similar Description - 015-91-1783

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015911303 MOLEX2-0015911303 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911223 MOLEX2-0015911223 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 22 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911263 MOLEX2-0015911263 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 26 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911343 MOLEX2-0015911343 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 34 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911723 MOLEX2-0015911723 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 72 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911523 MOLEX2-0015911523 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 52 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911483 MOLEX2-0015911483 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 48 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911503 MOLEX2-0015911503 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 50 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911283 MOLEX2-0015911283 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 28 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
0015911803 MOLEX2-0015911803 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 80 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com