Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

015-91-1403 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 015-91-1403
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

015-91-1403 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  015-91-1403 Datasheet HTML 1Page - Molex Electronics Ltd. 015-91-1403 Datasheet HTML 2Page - Molex Electronics Ltd. 015-91-1403 Datasheet HTML 3Page - Molex Electronics Ltd. 015-91-1403 Datasheet HTML 4Page - Molex Electronics Ltd. 015-91-1403 Datasheet HTML 5Page - Molex Electronics Ltd. 015-91-1403 Datasheet HTML 6Page - Molex Electronics Ltd. 015-91-1403 Datasheet HTML 7Page - Molex Electronics Ltd. 015-91-1403 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 015-91-1403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
015-91-1401 MOLEX2-015-91-1401 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
015-91-1402 MOLEX2-015-91-1402 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
More results

Similar Description - 015-91-1403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015913280 MOLEX2-0015913280 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 28 Circuits 0.76關m (30關") Gold (Au) Selective Plating
0015911683 MOLEX2-0015911683 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 68 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015913440 MOLEX2-0015913440 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 44 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015910400 MOLEX2-0015910400 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0015911402 MOLEX2-0015911402 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
0015910300 MOLEX2-0015910300 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0010897300 MOLEX1-0010897300 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 30 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0015913300 MOLEX2-0015913300 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without PCB Locator Pegs
0010897700 MOLEX1-0010897700 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, HighTemperature, 70 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
15-91-0400 MOLEX11-15-91-0400 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.38關m Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com