Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6208 Datasheet(PDF) 1 Page - Rohm

Part # BA6208
Description  Reversible motor driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6208 Datasheet(HTML) 1 Page - Rohm

  BA6208 Datasheet HTML 1Page - Rohm BA6208 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
384
Motor driver ICs
Reversible motor driver
BA6208 / BA6208F
The BA6208 and BA6208F are monolithic ICs used for driving reversible motors. They allow control of reversible motors
in cassette players and other electrical equipment by using TTL-level logic signals.
The ICs contain a logic section, which controls forward and reverse rotations as well as forced stop, and an output power
section, which can supply an output current of up to 100mA (typical) according to the logic control.
FFeatures
1) Motor driving power transistors are built in (100mA
typically).
2) Brake is applied when stopping the motor (when in-
puts A and B are both HIGH level).
3) Built-in diode to absorb surge currents.
4) Very low standby circuit current when inputs A and B
are both LOW level.
5) Wide range of operating supply voltage (4.5
X
15.0V).
6) Direct control with the TTL logic.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
FInput truth table


Similar Part No. - BA6208

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Unisonic Technologies
BA6208 UTC-BA6208 Datasheet
65Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6208 ROHM-BA6208 Datasheet
45Kb / 2P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208 Datasheet
151Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
List of Unclassifed Man...
BA6208 ETC2-BA6208 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA6208

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com