Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022280106 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0022280106
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 10 Circuits, Tin (Sn) Plating, with Backwalls Removed
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0022280106 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0022280106 Datasheet HTML 3Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 4Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 5Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 6Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 7Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 8Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 9Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 10Page - Molex Electronics Ltd. 0022280106 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image


Similar Part No. - 0022280106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280100 MOLEX2-0022280100 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 10 Circuits, Tin (Sn) Plating
0022280100 MOLEX1-0022280100_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 10 Circuits, Tin (Sn) Plating
0022280101 MOLEX2-0022280101 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280101 MOLEX1-0022280101_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 10 Circuits, 0.38m Gold
More results

Similar Description - 0022280106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-0106 MOLEX11-22-28-0106 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 10 Circuits, Tin (Sn) Plating, with Backwalls Removed
0022280086 MOLEX2-0022280086 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 8 Circuits, Tin (Sn) Plating, with Backwalls Removed
0022280366 MOLEX2-0022280366 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 36 Circuits, Tin (Sn) Plating, with Backwalls Removed
0022280166 MOLEX2-0022280166 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 16 Circuits, Tin (Sn) Plating, with Backwalls Removed
0022280066 MOLEX2-0022280066 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 6 Circuits, Tin (Sn) Plating, with Backwalls Removed
0022280036 MOLEX2-0022280036 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 3 Circuits, Tin (Sn) Plating, with Backwalls Removed
0022280046 MOLEX2-0022280046 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 4 Circuits, Tin (Sn) Plating, with Backwalls Removed
22-28-0066 MOLEX11-22-28-0066 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 6 Circuits, Tin (Sn) Plating, with Backwalls Removed
22-28-0366 MOLEX11-22-28-0366 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 36 Circuits, Tin (Sn) Plating, with Backwalls Removed
22-28-0086 MOLEX11-22-28-0086 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 8 Circuits, Tin (Sn) Plating, with Backwalls Removed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com