Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-28-4094 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 22-28-4094
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 9 Circuits, 0.38關m (15u) Gold (Au) Selective Plating, Mating Pin Length 8.13mm
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

22-28-4094 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  22-28-4094 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 2Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 3Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-4094 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image


Similar Part No. - 22-28-4094

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-4094 MOLEX11-22-28-4094 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 9 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
More results

Similar Description - 22-28-4094

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-4094 MOLEX11-22-28-4094 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 9 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4364 MOLEX11-22-28-4364 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 36 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4184 MOLEX11-22-28-4184 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 18 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4194 MOLEX11-22-28-4194 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 19 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4154 MOLEX11-22-28-4154 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 15 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4124 MOLEX11-22-28-4124 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 12 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4134 MOLEX11-22-28-4134 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 13 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4284 MOLEX11-22-28-4284 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 28 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4084 MOLEX11-22-28-4084 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 8 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4024 MOLEX11-22-28-4024 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com