Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5944FP Datasheet(PDF) 1 Page - Rohm

Part # BA5944FP
Description  BTL Driver IC for CD-ROM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5944FP Datasheet(HTML) 1 Page - Rohm

  BA5944FP Datasheet HTML 1Page - Rohm BA5944FP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimension (Units:mm)
Description
Applications
Features
VCC for Pre-block
PreVCC
V
4.5
13.2
Recommended Operating Conditions(Ta=25
)
Parameter
Symbol
Unit
Min.
Typ.
Max.
PowVCC
REGVCC
4.5
4.5
Pre Vcc
Pre Vcc
V
V
VCC for Power-block
VCC for Regulator-block
BTL Driver IC for CD-ROM
1) 2-channel dynamic range actuator driver built-in
2) Highly accurate (+/ 2%) 3.6V regulator 2-channel
built-in (1-channel regulator can be controlled with
On/Off switch.)
3) Highly accurate (+/ 2%) 4.2V reset curcuit built-in
4) Includes two general purpose comparators.
The BA5944FP is a BTL driver IC (actuator operation)
developed for CD-ROMs. Two highly accurate 3.6V
regulators and a 4.2V reset circuit that acts as a
peripheral power supply are included, as well as two
general purpose comparators. An achievement in
space savings of the set and reducing components
has been realized by integrating regulators and drivers
into an actuator driver IC as one chip.
HSOP25
BA5944FP
Slim CD-ROM, etc.
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
VCC
Pd
Topr
Tstg
V
W
13.5
1.45*
-35
+85
-55
+150
Absolute Maximum Ratings(Ta=25
)
Parameter
Symbol
Limits
Unit
*Derating:11.6mW/
for operation above Ta=25
.
~
~


Similar Part No. - BA5944FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA5947FM ROHM-BA5947FM Datasheet
297Kb / 6P
   Silicon Monolithic integrated Circuit
BA5947FM ROHM-BA5947FM Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
More results

Similar Description - BA5944FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com