Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42375-0146 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 42375-0146
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 6 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

42375-0146 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 42375-0146 Datasheet HTML 5Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 6Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 7Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 8Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 9Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 10Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 11Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 12Page - Molex Electronics Ltd. 42375-0146 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image


Similar Part No. - 42375-0146

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42375-0146 MOLEX11-42375-0146 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 6 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
More results

Similar Description - 42375-0146

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022284114 MOLEX2-0022284114 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 11 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284124 MOLEX2-0022284124 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 12 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284144 MOLEX2-0022284144 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 14 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284324 MOLEX2-0022284324 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 32 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284054 MOLEX2-0022284054 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 5 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284134 MOLEX2-0022284134 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 13 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284164 MOLEX2-0022284164 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 16 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284044 MOLEX2-0022284044 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 4 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284254 MOLEX2-0022284254 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 25 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
0022284194 MOLEX2-0022284194 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 19 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com