Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-8981-4V7-LF Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-8981-4V7-LF
Description  5.08mm (.200") Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4 Circuits, Lead-free, 3.58mm (.141") PC Tail Length, with PCB Locator Peg
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

A-8981-4V7-LF Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-8981-4V7-LF Datasheet HTML 1Page - Molex Electronics Ltd. A-8981-4V7-LF Datasheet HTML 2Page - Molex Electronics Ltd. A-8981-4V7-LF Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - A-8981-4V7-LF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-8981-4V7-LF MOLEX11-A-8981-4V7-LF Datasheet
36Kb / 2P
   5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com