Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6838-AP555 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 6838-AP555
Description  Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

6838-AP555 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  6838-AP555 Datasheet HTML 1Page - Molex Electronics Ltd. 6838-AP555 Datasheet HTML 2Page - Molex Electronics Ltd. 6838-AP555 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 6838-AP555

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
6838-A MOLEX1-6838-A Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Reel, Phosphor Bronze Gold (Au)
6838-A MOLEX1-6838-A Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn)
6838-A(154) MOLEX11-6838-A(154) Datasheet
283Kb / 2P
   TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
6838-A(154)L MOLEX11-6838-A(154)L Datasheet
283Kb / 2P
   TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
6838-A(561) MOLEX11-6838-A(561) Datasheet
283Kb / 2P
   TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
More results

Similar Description - 6838-AP555

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008520113 MOLEX1-0008520113 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Phosphor Bronze Tin (Sn)
0008520112 MOLEX1-0008520112 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn)
0008500023 MOLEX1-0008500023 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Brass Tin (Sn)
0460121142 MOLEX1-0460121142 Datasheet
83Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Bag, Tin (Sn) Plating
0008520125 MOLEX1-0008520125 Datasheet
138Kb / 3P
   Trifurcon??Crimp Terminal 7258, 22-26 AWG, Bag, Phosphor Bronze Tin (Sn)
0008500106 MOLEX1-0008500106 Datasheet
240Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Bag, Brass Tin (Sn)
0008030304 MOLEX1-0008030304 Datasheet
119Kb / 3P
   KK짰 Crimp Terminal 4366, 18-24 AWG, Bag Tin (Sn)
0008580189 MOLEX1-0008580189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Gold (Au)
0002081002 MOLEX1-0002081002 Datasheet
211Kb / 3P
   MLX Crimp Terminal 42024, 14-20 AWG, Bag Tin (Sn)
0002082004 MOLEX1-0002082004_18 Datasheet
30Kb / 1P
   MLX Crimp Terminal 42023, 14-20 AWG, Bag Tin (Sn)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com