Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BA4560 Datasheet(PDF) 1 Page - Rohm

Part No. BA4560
Description  Dual high slew rate operational amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
1
Standard ICs
Dual high slew rate operational
amplifier
BA4560 / BA4560F / BA4560N
The BA4560, BA4560F, and BA4560N are dual operational amplifiers which achieve approximately twice the high
output current of the BA4558, as well as featuring a higher slew rate of 4V /
µs, a gain band width of 10MHz, and an
improved frequency characteristic. The following packages are available: 8-pin DIP (BA4560), 8-pin SOP (BA4560F),
and 8-pin SIP (BA4560N).
Applications
Active filters
Audio amplifiers
VCOs
Other electronic circuits
Features
Block diagram
+
+
1
2
3
4
8
7
6
5
OUT1
– IN1
+ IN1
VEE
VCC
OUT2
– IN2
+ IN2
1ch
2ch
+
+
2ch
1ch
BA4560N
BA4560 / BA4560F
1) Built-in output short-circuit protection circuit.
2) Internal phase correction.
3) No latch-up.
4) Wide range of common-mode modes and differential
voltage.
5) High gain and low noise.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BA4510FDual high slew rate operational amplifier 1 2 3 4 Rohm
BA15218Dual high slew rate low noise operational amplifier 1 2 3 4 5 Rohm
BA15532Dual high slew rate low noise operational amplifier 1 2 3 4 Rohm
ALD2724EDUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAdvanced Linear Devices
HA-2529883Uncompensated High Slew Rate High Output Current Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HA-254270MHz High Slew Rate High Output Current Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
MS2100Rail-to-Rail Output Low Voltage High Slew Rate Wide Bandwidth Dual Operational Amplifiers 1 2 3 4 MOSA ELECTRONICS
EL2040Very High Slew Rate Wideband Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
NJM2136ULTRA WIDE BAND HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER 1 2 3 New Japan Radio
EL2040CVery High Slew Rate Wideband Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl