Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08-50-0135 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 08-50-0135
Description  KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Tin, Bag
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

08-50-0135 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  08-50-0135 Datasheet HTML 1Page - Molex Electronics Ltd. 08-50-0135 Datasheet HTML 2Page - Molex Electronics Ltd. 08-50-0135 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 08-50-0135

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0133 MOLEX1-08-50-0133 Datasheet
162Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2578, 22-26 AWG, Reel, Phosphor Bronze, Tin (Sn)
08-50-0133 MOLEX1-08-50-0133 Datasheet
161Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2578, 22-26 AWG, Bag, Brass, Tin (Sn)
08-50-0133 MOLEX11-08-50-0133 Datasheet
184Kb / 2P
   CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
08-50-0134 MOLEX1-08-50-0134 Datasheet
161Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2578, 22-26 AWG, Bag, Phosphor Bronze,Tin (Sn)
08-50-0134 MOLEX1-08-50-0134 Datasheet
161Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2578, 22-26 AWG, Bag, Brass, Tin (Sn)
More results

Similar Description - 08-50-0135

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008500136 MOLEX1-0008500136 Datasheet
172Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Tin, Bag
0008500032 MOLEX1-0008500032 Datasheet
133Kb / 2P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Bag
0008560115 MOLEX1-0008560115 Datasheet
172Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Bag Selective Gold (Au)
0008500031 MOLEX1-0008500031 Datasheet
135Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Reel
0008550111 MOLEX1-0008550111 Datasheet
173Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Bag Selective Gold (Au)
0008500032 MOLEX1-0008500032_17 Datasheet
48Kb / 1P
   KK 254 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Bag
0097000001 MOLEX3-0097000001 Datasheet
132Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
0008550112 MOLEX1-0008550112 Datasheet
133Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Selective Gold, Reel
0097000450 MOLEX3-0097000450 Datasheet
133Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
0008500030 MOLEX1-0008500030 Datasheet
134Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Reel, 2.20mm (.087") Insulation Crimp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com