Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3884F Datasheet(PDF) 4 Page - Rohm

Part # BA3884F
Description  High-definition sound processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3884F Datasheet(HTML) 4 Page - Rohm

  BA3884F Datasheet HTML 1Page - Rohm BA3884F Datasheet HTML 2Page - Rohm BA3884F Datasheet HTML 3Page - Rohm BA3884F Datasheet HTML 4Page - Rohm BA3884F Datasheet HTML 5Page - Rohm BA3884F Datasheet HTML 6Page - Rohm BA3884F Datasheet HTML 7Page - Rohm BA3884F Datasheet HTML 8Page - Rohm BA3884F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
431
Audio ICs
BA3884F / BA3884S
FCircuit operation
The BA3884F / S high-definition sound processor sys-
tem IC treats the amplifier and speakers as a total audio
system, and performs signal processing at the amplifier
input stage to accurately reproduce the rise sections of
audio signals that determine the characteristics of sound,
and ensure that the replayed audio is as close to the origi-
nal sound and as natural sounding as possible.
Problems relating to playback of sound on audio sys-
tems.
With naturally-generated sound, high-frequency har-
monic components generally occur first, followed by the
fundamental frequency components. This also applies to
the attack section of the sound that characterizes many
musical instruments. It is the amplitude component that
gives form to the frequency component and envelope at
the rising point of sound, and this expresses the charac-
teristics of the sound. Therefore, when replaying audio
on audio playback systems, it is extremely important that
the rise section of the signal be expressed accurately
with respect to the original sound.
However, there is inevitable mismatching between the
speakers and amplifiers in current audio systems. Solid-
state power amplifiers use negative feedback techniques
and operate off a fixed voltage supply, but as speakers
are a current element, mismatching in the system inevit-
ably occurs. In addition, the speaker impedance charac-
teristics are strongly influenced by the electrical reac-
tance of the voice coil, and the mechanical reactance of
the cone assembly. As a result of this, distortion is gener-
ated in the rising sections of audio signals, causing
phase shift in the reproduced sound. In addition, imped-
ance increases in the treble region which reduces the
speaker amplitude and reduces the harmonic compo-
nent, and as a result there is a tendency to masking of
large mid-frequency signal components that follow, and
this makes it difficult to reproduce the rising sections of
the sound.
Operating principle
To solve the problems described above, the BA3884F / S
performs the audio signal processing described below.
Phase shift compensation
The input signal is separated into three regions : bass
(20Hz to 150Hz), middle (150Hz to 2.4kHz) and treble
(2.4kHz to 20kHz). These regions are then joined again
with the middle and treble regions phase shifted -180
_
and -360
_ respectively with respect to the bass signal.
This phase shift adjusts the delay time characteristic for
each band and minimizes the distortion of the rising sec-
tion of the audio signal.


Similar Part No. - BA3884F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3880AFS ROHM-BA3880AFS Datasheet
126Kb / 9P
   High-definition sound processor
BA3880AS ROHM-BA3880AS Datasheet
126Kb / 9P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
BA3888S ROHM-BA3888S Datasheet
100Kb / 8P
   High-definition sound processor
More results

Similar Description - BA3884F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3880AS ROHM-BA3880AS Datasheet
126Kb / 9P
   High-definition sound processor
BA3888S ROHM-BA3888S Datasheet
100Kb / 8P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
logo
C-Media Electronics
CM6632A CMEDIA-CM6632A Datasheet
363Kb / 15P
   USB 2.0 High-Definition Audio Processor
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com