Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3842F Datasheet(PDF) 7 Page - Rohm

Part # BA3842F
Description  Preset equalizer sound control (P.S.C) IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3842F Datasheet(HTML) 7 Page - Rohm

Back Button BA3842F Datasheet HTML 3Page - Rohm BA3842F Datasheet HTML 4Page - Rohm BA3842F Datasheet HTML 5Page - Rohm BA3842F Datasheet HTML 6Page - Rohm BA3842F Datasheet HTML 7Page - Rohm BA3842F Datasheet HTML 8Page - Rohm BA3842F Datasheet HTML 9Page - Rohm BA3842F Datasheet HTML 10Page - Rohm BA3842F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
569
Audio ICs
BA3842F
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 10V, f = 1HZ, VIN = 200mVrms,
preset equalizer normal : Rg = 620
Ω, during dynamic bass boost : RL = 10kΩ)
Operating specifications
Input and output signal pins are in phase.


Similar Part No. - BA3842F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3840KV ROHM-BA3840KV Datasheet
146Kb / 8P
   Preset graphic equalizer for headphone stereos
More results

Similar Description - BA3842F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
   PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
   4-Mode Preset Equalizer IC?
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
   5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
   5-Mode Preset Equalizer IC
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
   4 Mode Preset Equalizer IC
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
   4-Mode Preset Equalizer IC
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
logo
Silan Microelectronics ...
SA2078 SILAN-SA2078 Datasheet
96Kb / 4P
   PRESET EQUALIZER CIRCUIT
logo
Rohm
BH3854AS ROHM-BH3854AS Datasheet
306Kb / 15P
   Serial sound control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com