Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BA3812L Datasheet(PDF) 1 Page - Rohm

Part No. BA3812L
Description  5-channel graphic equalizer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
445
Audio ICs
5-channel graphic equalizer
BA3812L
The BA3812L is a five-point graphic equalizer that has all the required functions integrated onto one IC. The IC is com-
prised of the five tone control circuits and input and output buffer amplifiers.
The BA3812L features low distortion, low noise, and wide dynamic range, and is an ideal choice for Hi-Fi stereo applica-
tions. It also has a wide operating voltage range (3.5V to 16V), which means that it can be adapted for use with most
types of stereo equipment.
The five center frequencies are independently set using external capacitors, and as the output stage buffer amplifier and
tone control section are independent circuits, fine control over a part of the frequency bandwidth is possible, By using
two BA3812Ls, it is possible to construct a 10-point graphic equalizer.
The amount of boost and cut can be set by external components.
FApplications
Radio cassette players, home stereo systems and car stereo systems.
FFeatures
1) Minimizes the number of components required to
build a graphic equalizer.
2) Low distortion and low noise.
3) Wide operating power supply voltage range (3.5V to
16V).
4) Low current dissipation (5 mA).
5) Wide dynamic range (VOM = 2.1Vrms /VCC = 8V).
6) Built-in input and output buffer amplifiers.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BA3822LS5-channel stereo graphic equalizer 1 2 3 4 5 Rohm
AN7337N7-Element Graphic Equalizer IC for Hi-Fi 1 2 3 4 Panasonic Semiconductor
KA22235-BAND GRAPHIC EQUALIZER AMPLIFIER 1 2 3 4 Samsung semiconductor
DSP56001DIGITAL STEREO 10-BAND GRAPHIC EQUALIZER USING THE DSP56001 1 2 3 4 5 MoreFreescale Semiconductor, Inc
AN7337NS7-element graphic equalizer IC for Hi-Fi audio equipment 1 2 3 Panasonic Semiconductor
CXA2513M3-Band Preset Graphic Equalizer IC with standby and memory on last preset mode 1 2 3 4 5 MoreSony Corporation
STK6328A2-CHANNEL GRAPHIC EQUALIZER 1 Sanken electric
TA2062F5 BAND GRAPHIC EQUALIZER 1 2 3 4 5 MoreToshiba Semiconductor
TA7796P5 BAND GRAPHIC EQUALIZER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl