Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15286061 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15286061
Description  4.20mm (.165") Pitch Mini-Fit BMI??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

15286061 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15286061 Datasheet HTML 1Page - Molex Electronics Ltd. 15286061 Datasheet HTML 2Page - Molex Electronics Ltd. 15286061 Datasheet HTML 3Page - Molex Electronics Ltd. 15286061 Datasheet HTML 4Page - Molex Electronics Ltd. 15286061 Datasheet HTML 5Page - Molex Electronics Ltd. 15286061 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


Similar Part No. - 15286061

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1528610000 WEIDMULLER-1528610000 Datasheet
97Kb / 6P
   BLZ 5.08/24 SN SW
logo
TE Connectivity Ltd
1528698-6 TEC-1528698-6 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
1528699-6 TEC-1528699-6 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com