Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2212 Datasheet(PDF) 1 Page - Rohm

Part # 2SD2212
Description  Medium Power Transistor(Motor, Relay drive) (60짹10V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2212 Datasheet(HTML) 1 Page - Rohm

  2SD2212 Datasheet HTML 1Page - Rohm 2SD2212 Datasheet HTML 2Page - Rohm 2SD2212 Datasheet HTML 3Page - Rohm 2SD2212 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SD2212 / 2SD2143 / 2SD1866
Transistors
Rev.A
1/3
Medium Power Transistor
(Motor, Relay drive) (60
±10V, 2A)
2SD2212 / 2SD2143 / 2SD1866
Features
1) Built-in zener diode between collector and base.
2) Strong protection against reverse surges due to "L"
loads.
3) Built-in resistor between base and emitter.
4) Built-in damper diode.
Absolute maximum ratings (Ta=25
°C)
∗1 Single pulse Pw=100ms
∗2 When mounted on a 40×40×0.7mm ceramic board.
∗3 Printed circuit board 1.7mm thick, collector plating 1cm2 or larger.
Junction temperature
Collector power
dissipation
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
60
±10
60
±10
6
2
0.5
2
10
∗2
∗1
∗3
150
−55 to +150
Unit
V
V
V
A (DC)
3
A (Pulse)
W
1
1
W
W
W (Tc
=25°C)
°C
°C
2SD2212
2SD2143
2SD1866
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Storage temperature
Packaging specifications and hFE
Type
2SD2212
MPT3
1k to 10k
T100
1000
2SD2143
CPT3
1k to 10k
TL
2500
2SD1866
ATV
1k to 10k
TV2
2500
DR
−−
Basic ordering unit (pieces)
Package
hFE
Code
Marking
Equivalent circuit
R2
R1
E :
B :
C :
C
B
E
Emitter
Base
Collector
R1
3.5k
R2
300
External dimensions (Unit : mm)
2SD2212
(3) Emitter(Source)
(2) Collector(Drain)
(1) Base(Gate)
EIAJ : SC-62
2SD2143
(3) Emitter(Source)
(2) Collector(Drain)
(1) Base(Gate)
ROHM : CPT3
EIAJ : SC-63
9.5
2.5
0.8Min.
1.5
C0.5
0.9
1.5
5.5
(3)
(1)
(2)
0.5
4.0
2.5
1.0
ROHM : MPT3
2SD1866
(2) Collector
(1) Emitter
ROHM : ATV
Taping specifications
(3) Base
0.45
1.05
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5


Similar Part No. - 2SD2212

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2212T100 ROHM-2SD2212T100 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60V,10V, 2A)
More results

Similar Description - 2SD2212

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2143 ROHM-2SD2143_09 Datasheet
171Kb / 4P
   Medium Power Transistor (Motor, Relay drive) (60짹10V, 2A)
2SD2170 ROHM-2SD2170 Datasheet
67Kb / 3P
   Medium Power Transistor(Motor, Relay drive) (90 , 2A)
2SD2212T100 ROHM-2SD2212T100 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60V,10V, 2A)
logo
Renesas Technology Corp
2SD1866TV2 RENESAS-2SD1866TV2 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60??0V, 2A)
logo
Littelfuse
2SD1866TV2 LITTELFUSE-2SD1866TV2 Datasheet
107Kb / 3P
   Medium Power Transistor (Motor, Relay drive) (60??0V, 2A)
logo
Rohm
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
   Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
   Medium Power Transistor ( 60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
   Medium Power Transistor (60V, 2A)
2SD1766 ROHM-2SD1766 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 2A)
2SB1188 ROHM-2SB1188_V01 Datasheet
134Kb / 4P
   Medium power Transistor(32V,2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com