Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1760 Datasheet(PDF) 1 Page - Rohm

Part # 2SD1760
Description  Power Transistor 50V, 3A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1760 Datasheet(HTML) 1 Page - Rohm

  2SD1760 Datasheet HTML 1Page - Rohm 2SD1760 Datasheet HTML 2Page - Rohm 2SD1760 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD1760 / 2SD1864
Transistors
Power Transistor (50V, 3A)
2SD1760 / 2SD1864
!
!
!
!Features
1) Low VCE(sat).
VCE(sat) = 0.5V (Typ.)
(IC/IB = 2A / 0.2A)
2) Complements the 2SB1184 / 2SB1243.
!
!
!
!Structure
Epitaxial planar type
NPN silicon transistor
!
!
!
!External dimensions
(Units : mm)
(1) Base
(2) Collector
(3) Emitter
(1) Emitter
(2) Collector
(3) Base
ROHM : CPT3
EIAJ : SC-63
ROHM : ATV
6.8
±0.2
2.5
±0.2
1.05
0.45
±0.1
2.54 2.54
0.5
±0.1
(1)
(2)
(3)
0.65Max.
2SD1760
2SD1864
−0.1
+0.2
−0.1
+0.2
2.3±0.2
2.3±0.2
0.65±0.1
0.9
0.75
1.0±0.2
0.55±0.1
2.3
0.5±0.1
6.5±0.2
5.1
C0.5
(3)
(2)
(1)
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCBO
60
V
VCEO
50
V
VEBO
5V
IC
3
A (DC)
4.5
A (Pulse)
*1
Tj
150
°C
Tstg
−55~+150
°C
2SD1864
2SD1760
1
15
W (Tc =25
°C)*2
PC
*1 Single pulse, PW = 100ms
*2 Printed circuit board, 1.7mm thick, collector copper plating 100mm2 or larger.
W
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector power
dissipation


Similar Part No. - 2SD1760

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1760 ROHM-2SD1760 Datasheet
153Kb / 4P
   Power Transistor (50V, 3A)
logo
Guangdong Kexin Industr...
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
logo
Rohm
2SD1760 ROHM-2SD1760 Datasheet
176Kb / 4P
   Power Transistor (50V, 3A)
logo
SeCoS Halbleitertechnol...
2SD1760 SECOS-2SD1760 Datasheet
163Kb / 3P
   NPN Epitaxial Planar Silicon Transistor
logo
Rohm
2SD1760 ROHM-2SD1760 Datasheet
81Kb / 3P
   Power Transistor (50V, 3A)
More results

Similar Description - 2SD1760

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
   Power Transistor (-50V, -3A)
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
   Power Transistor (-50V, -3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
   Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
   Power Transistor -50V, -3A
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
   Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
   Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
   Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
   Power Transistor (50V, 3A)
logo
Nanjing International G...
2SB1308 DGNJDZ-2SB1308 Datasheet
437Kb / 3P
   Power Transistor(-50V,-3A)
logo
Rohm
2SD1963 ROHM-2SD1963 Datasheet
60Kb / 3P
   Power transistor (50V, 3A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com