Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK-1375-002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # PK-1375-002
Description  2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, with Pull Tabs, without Passive Lock Windows
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

PK-1375-002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  PK-1375-002 Datasheet HTML 1Page - Molex Electronics Ltd. PK-1375-002 Datasheet HTML 2Page - Molex Electronics Ltd. PK-1375-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - PK-1375-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PK-105038-001 MOLEX11-PK-105038-001 Datasheet
121Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 7.00mm (.276"), Working Height 2.65mm (.104"), 4 Circuits, Lead-free
PK-105133-001 MOLEX-PK-105133-001 Datasheet
171Kb / 2P
   PACKAGE FOR MICRO USB B REC. VERTICAL TYPE
2009.12.17
logo
Mallory Sonalert Produc...
PK-11N40PQ MSPI-PK-11N40PQ Datasheet
99Kb / 1P
   Resonant Frequency (Hz) 4100 ± 200
logo
Molex Electronics Ltd.
PK-121201-001 MOLEX-PK-121201-001 Datasheet
46Kb / 1P
   mPm DIN Valve Connector, Type C Micro with Circuit C4, 24V AC/DC
logo
Mallory Sonalert Produc...
PK-12N40PEDBQ MSPI-PK-12N40PEDBQ Datasheet
90Kb / 1P
   Resonant Frequency (Hz) 4100 ± 500
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com