Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5161 Datasheet(PDF) 2 Page - Rohm

Part # 2SC5161
Description  High Voltage Switching Transistor(400V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5161 Datasheet(HTML) 2 Page - Rohm

  2SC5161 Datasheet HTML 1Page - Rohm 2SC5161 Datasheet HTML 2Page - Rohm 2SC5161 Datasheet HTML 3Page - Rohm 2SC5161 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
237
Transistors
2SC3969 / 2SC5161
FAbsolute maximum ratings (Ta = 25_C)
FElectrical characteristics (Ta = 25_C)
FPackaging specifications and hFE
hFE values are classified as follows :


Similar Part No. - 2SC5161

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5161 ROHM-2SC5161 Datasheet
83Kb / 4P
   HIgh voltage switching transistor (400V, 2A)
logo
Guangdong Kexin Industr...
2SC5161 KEXIN-2SC5161 Datasheet
41Kb / 2P
   High Voltage Switching Transistor
logo
Rohm
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
   High voltage switching transistor (400V, 2A)
More results

Similar Description - 2SC5161

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5161 ROHM-2SC5161 Datasheet
83Kb / 4P
   HIgh voltage switching transistor (400V, 2A)
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
   High voltage switching transistor (400V, 2A)
2SA1862 ROHM-2SA1862 Datasheet
93Kb / 3P
   High-voltage Switching Transistor (-400V, -2A)
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
   High-voltage Switching Transistor (-400V, -0.5A)
2SA1812 ROHM-2SA1812_1 Datasheet
31Kb / 1P
   High-voltage Switching Transistor ( 400V, 0.5A)
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR
FMMT458 DIODES-FMMT458_16 Datasheet
492Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com