Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

001001-2049 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 001001-2049
Description   2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

001001-2049 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  001001-2049 Datasheet HTML 1Page - Molex Electronics Ltd. 001001-2049 Datasheet HTML 2Page - Molex Electronics Ltd. 001001-2049 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 001001-2049

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010011024 MOLEX1-0010011024 Datasheet
248Kb / 4P
   5.08mm (.200") Pitch KK짰 Crimp Terminal Housing, 2 Circuits
0010011034 MOLEX1-0010011034 Datasheet
152Kb / 3P
   5.08mm (.200") Pitch KK짰 Crimp Terminal Housing, 3 Circuits
0010011044 MOLEX1-0010011044 Datasheet
152Kb / 3P
   5.08mm (.200") Pitch KK짰 Crimp Terminal Housing, 4 Circuits
0010011054 MOLEX1-0010011054 Datasheet
152Kb / 3P
   5.08mm (.200") Pitch KK짰 Crimp Terminal Housing, 5 Circuits
0010011064 MOLEX1-0010011064 Datasheet
152Kb / 3P
   5.08mm (.200") Pitch KK짰 Crimp Terminal Housing, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com