Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


1SS356 Datasheet(PDF) 1 Page - Rohm

Part No. 1SS356
Description  Band switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
1SS356
Diodes
Rev.B
1/3
Band switching diode
1SS356
UMD2
0.9MIN.
Applications
External dimensions (Unit : mm)
Land size figure (Unit : mm)
High frequency switching
Features
1) Small mold type. (UMD2)
2) High reliability.
Construction
Silicon epitaxial planar
Structure
ROHM : UMD2
JEITA : SC-90/A
JEDEC : S0D-323
dot (year week factory)
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
0.
0
 
1
3±0.05
.7±0.2
   0.
0.1±0.1
    0.05
1.25±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
1.40±0.1
4.0±0.1
φ1.05
0.3±0.1
1.0±0.1
Sym bol
Unit
IF
mA
VR
V
Tj
Ts tg
Param eter
Revers e voltage (DC)
orward current (DC)
unction tem perature
torage tem perature
Lim its
35
100
125
-55 to
+125
F
J
S
Symbol
Min.
Typ.
Max.
Unit
VF
--
1.0
V
IF=10mA
IR
-
-
10
nA
VR=25V
Ct
-
-
1.2
pF
VR=6V , f=1MHz
rf
-
-
0.9
Ω
IF=2mA , f=100MHz
Conditions
orward voltage
orward operating resistance
een terminals
Parameter
F
Reverse current
Capacitance betw
F




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1SS390Band switching diode 1 2 Rohm
BAR65-02WSilicon RF Switching Diode Preliminary data Low loss low capacitance PIN-diode Band switch for TV-tuners 1 2 3 Siemens Semiconductor Group
BAR65-03WPreliminary data Silicon RF Switching Diode Low loss low capacitance PIN-diode Band switch for TV-tuners 1 2 3 Siemens Semiconductor Group
SDP410DBand switching Diode 1 2 3 AUK corp
BAR65-07Silicon RF Switching Diode Preliminary data Low loss low capacitance PIN-Diode Band switch for TV-tuners 1 2 3 Siemens Semiconductor Group
SDP410QBand switching Diode 1 2 3 AUK corp
5082-3188BAND SWITCHING PIN DIODE 1 Advanced Semiconductor
DAN235UBand switching diode 1 2 3 4 Rohm
DAN235EBand switching diode 1 2 3 4 Rohm
LBA277AT1Band Switching Diode 1 2 3 Leshan Radio Company

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl