Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS356 Datasheet(PDF) 3 Page - Rohm

Part # 1SS356
Description  Band switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS356 Datasheet(HTML) 3 Page - Rohm

  1SS356 Datasheet HTML 1Page - Rohm 1SS356 Datasheet HTML 2Page - Rohm 1SS356 Datasheet HTML 3Page - Rohm 1SS356 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1SS356
Diodes
Rev.B
3/3
TIME:t(s)
Rth-t CHARACTERISTICS
ESD DISPERSION MAP
1
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
0
1
2
3
4
5
6
7
8
9
10
AVE:0.88kV
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:6.63kV
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board


Similar Part No. - 1SS356

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Rohm
1SS356 ROHM-1SS356 Datasheet
257Kb / 4P
   Band Switching Diode
logo
Guangdong Kexin Industr...
1SS356 KEXIN-1SS356 Datasheet
30Kb / 1P
   Band switching diode
logo
Rohm
1SS356 ROHM-1SS356 Datasheet
134Kb / 4P
   Band switching diode
logo
NXP Semiconductors
1SS356 NXP-1SS356 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - 1SS356

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
   Band-switching diode
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
   Band-switching diode
1998 May 08
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
   Band-switching diode
Rev. 04-8 January 2008
logo
Rohm
DAN235ETL ROHM-DAN235ETL Datasheet
321Kb / 6P
   Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
   Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
   Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
   Band Switching Diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
   Band switching diode
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
   BAND SWITCHING DIODE
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
   Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS277WT SEMTECH_ELEC-1SS277WT_11 Datasheet
504Kb / 3P
   BAND SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com