Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0002081202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0002081202
Description  Disk Drive Power Connection System, Female Crimp Terminal, Bag, Phosphor Bronze, 14-20 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0002081202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0002081202 Datasheet HTML 1Page - Molex Electronics Ltd. 0002081202 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 0002081202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0002081201 MOLEX1-0002081201 Datasheet
91Kb / 3P
   Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
More results

Similar Description - 0002081202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0002081201 MOLEX1-0002081201 Datasheet
91Kb / 3P
   Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
0008520113 MOLEX1-0008520113 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Phosphor Bronze Tin (Sn)
0008580189 MOLEX1-0008580189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Gold (Au)
0039000022 MOLEX3-0039000022 Datasheet
117Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Bag
0002081003 MOLEX1-0002081003_18 Datasheet
31Kb / 1P
   MLX Female Crimp Terminal 42024, 14-20 AWG, Reel, Phosphor Bronze, Tin (Sn) Plating
0008580111 MOLEX1-0008580111 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Selective Gold (Au)
15-24-4048 MOLEX11-15-24-4048 Datasheet
40Kb / 1P
   5.08mm Pitch Disk Drive Power Connection System, Female Crimp Housing
0508028100 MOLEX7-0508028100 Datasheet
100Kb / 3P
   2.50mm (.098") Pitch Crimp Terminal, Phosphor Bronze, Bag
0638929000 MOLEX-0638929000 Datasheet
21Kb / 1P
   Mini-Mac Applicator for Disk Drive Power Connector System, Female 14-20 AWG
08/26/2022
0430300007 MOLEX1-0430300007_18 Datasheet
41Kb / 1P
   Micro-Fit 3.0 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Bag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com