Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3100-3K Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3100-3K
Description  3V 1700MHZ LINEAR AMPLIFIER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3100-3K Datasheet(HTML) 2 Page - RF Micro Devices

  RF3100-3K Datasheet HTML 1Page - RF Micro Devices RF3100-3K Datasheet HTML 2Page - RF Micro Devices RF3100-3K Datasheet HTML 3Page - RF Micro Devices RF3100-3K Datasheet HTML 4Page - RF Micro Devices RF3100-3K Datasheet HTML 5Page - RF Micro Devices RF3100-3K Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-274
RF3100-3K
Rev A3 011017
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤29dBm)
+5.2
VDC
Control Voltage (VREG)+4.2
VDC
Mode Voltage (VMODE)+3.5
VDC
Input RF Power
+10
dBm
Operating Case Temperature
-30 to +110
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State
(VMODE Low)
Typical Performance at VCC=3.2V,
VREG=2.85V, TAMB=25°C,
Frequency= 1750MHz to 1780MHz
(unless otherwise specified)
Frequency Range
1750
1780
MHz
Linear Gain
25.5
27.5
dB
Second Harmonic
-49
dBc
Third Harmonic
-52
dBc
Maximum Linear Output Power
(CDMA Modulation)
28
dBm
Total Linear Efficiency
35
%
POUT=28dBm
Adjacent Channel Power
Rejection
-46
-44.5
dBc
ACPR @1.25MHz, POUT=28dBm
-60
-57.5
dBc
ACPR @2.25MHz, POUT=28dBm
Input VSWR
<2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
Noise Power
-141
dBm/Hz
At 90MHz offset.
Low Power State
(VMODE High)
Typical Performance at VCC=3.2V,
VREG=2.85V, TAMB=25°C,
Frequency= 1750MHz to 1780MHz
(unless otherwise specified)
Frequency Range
1750
1780
MHz
Linear Gain
17
20
dB
Second Harmonic
-49
dBc
Third Harmonic
-52
dBc
Maximum Linear Output Power
(CDMA Modulation)
16
dBm
Adjacent Channel Power
Rejection
-52
-46.5
dBc
ACPR @1.25MHz
-66
-61
dBc
ACPR @2.25MHz
Input VSWR
< 2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).


Similar Part No. - RF3100-3K

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
More results

Similar Description - RF3100-3K

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3165 RFMD-RF3165 Datasheet
106Kb / 10P
   3V 1700MHz LINEAR POWER AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
   3V 900MHz LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3120 RFMD-RF3120 Datasheet
62Kb / 6P
   3V 1800MHZ LINEAR AMPLIFIER MODULE
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
   3V 1900MHz LINEAR AMPLIFIER MODULE
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com