Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3100-3 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3100-3
Description  3V 1900MHZ LINEAR AMPLIFIER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3100-3 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3100-3 Datasheet HTML 1Page - RF Micro Devices RF3100-3 Datasheet HTML 2Page - RF Micro Devices RF3100-3 Datasheet HTML 3Page - RF Micro Devices RF3100-3 Datasheet HTML 4Page - RF Micro Devices RF3100-3 Datasheet HTML 5Page - RF Micro Devices RF3100-3 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-274
RF3100-3
Rev A2 011017
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤28dBm)
+5.2
VDC
Control Voltage (VREG)+4.2
VDC
Mode Voltage (VMODE)+3.5
VDC
Input RF Power
+10
dBm
Operating Case Temperature
-30 to +110
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State
(VMODE Low)
Typical Performance at VCC=3.2V,
VREG=2.85V, TAMB=25°C,
Frequency= 1850MHz to 1910MHz
(unless otherwise specified)
Frequency Range
1850
1910
MHz
Linear Gain
24
26.5
dB
Second Harmonic
-43
dBc
Third Harmonic
-56
dBc
Maximum Linear Output Power
(CDMA Modulation)
28
dBm
Total Linear Efficiency
35
%
POUT=28dBm
Adjacent Channel Power
Rejection
-48
-45
dBc
ACPR @1.25MHz, VCC=3.4V,
POUT=28dBm
-62
-58
dBc
ACPR @2.25MHz, VCC=3.4V,
POUT=28dBm
Input VSWR
< 2.5:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
Noise Power
-141
dBm/Hz
At 80MHz offset.
Low Power State
(VMODE High)
Typical Performance at VCC=3.2V,
VREG=2.85V, TAMB=25°C,
Frequency= 1850MHz to 1910MHz
(unless otherwise specified)
Frequency Range
1850
1910
MHz
Linear Gain
14
19
dB
Second Harmonic
-43
dBc
Third Harmonic
-56
dBc
Maximum Linear Output Power
(CDMA Modulation)
16
dBm
Adjacent Channel Power
Rejection
-52
-46
dBc
ACPR @1.25MHz
-66
-59
dBc
ACPR @2.25MHz
Input VSWR
< 2.5:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).


Similar Part No. - RF3100-3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-3K RFMD-RF3100-3K Datasheet
116Kb / 6P
   3V 1700MHZ LINEAR AMPLIFIER MODULE
More results

Similar Description - RF3100-3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
   3V 1900MHz LINEAR AMPLIFIER MODULE
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4 Datasheet
67Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
   3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com