Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-70216-0237 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # A-70216-0237
Description  2.54mm (.100") Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 8 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

A-70216-0237 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  A-70216-0237 Datasheet HTML 1Page - Molex Electronics Ltd. A-70216-0237 Datasheet HTML 2Page - Molex Electronics Ltd. A-70216-0237 Datasheet HTML 3Page - Molex Electronics Ltd. A-70216-0237 Datasheet HTML 4Page - Molex Electronics Ltd. A-70216-0237 Datasheet HTML 5Page - Molex Electronics Ltd. A-70216-0237 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - A-70216-0237

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70216-0237 MOLEX-A-70216-0237 Datasheet
132Kb / 4P
   RT. ANG. WAFER ASSY 2.54/00 GRID, DUAL ROW BREAKAWAY 0.64/.025 PINS
2010/10/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com