Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2658 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2658
Description  TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2658 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2658 Datasheet HTML 2Page - RF Micro Devices RF2658 Datasheet HTML 3Page - RF Micro Devices RF2658 Datasheet HTML 4Page - RF Micro Devices RF2658 Datasheet HTML 5Page - RF Micro Devices RF2658 Datasheet HTML 6Page - RF Micro Devices RF2658 Datasheet HTML 7Page - RF Micro Devices RF2658 Datasheet HTML 8Page - RF Micro Devices RF2658 Datasheet HTML 9Page - RF Micro Devices RF2658 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
5-68
RF2658
Rev A8 010720
5
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
R3
0
MODE
Q SIG
Q REF
I REF
I SIG
GND1
VCC1
LO1+
LO1-
BG OUT
VCC3
GND1
PD1
VCC4
VCC2
GC
DEC
MOD OUT+
MOD OUT-
GND2
MIX IN+
MIX IN-
LO2-
LO2+
DEC
RF OUT
GND2
PD2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
L2
12 nH
C7
1nH
VCC
C14
1.3 pF
C13
33 pF
L1
15 nH
50
Ωµstrip
J7
RF OUT
C11
1000 pF
C18
100 pF
50
Ωµstrip
J6
LO2 IN
C12
100 pF
C17
2.2 nF
C16
2.2 nF
50
Ωµstrip
J5
MIX IN
50
Ωµstrip
J4
MOD OUT
T1
1
C15
10 nF
T2
1
VCC
C8
10 nF
C10
1nF
R2
10 k
R1
27 k
VGC
C9
10 nF
VCC
C20
1
µF
C6
1nF
C5
1nF
C4
100 nF
C3
1nF
C1
1nF
50
Ωµstrip
J1
LO IN
VCC
PD1
J2
I SIG
C2
10 nF
C19
1
µF
I REF
J3
Q SIG
MODE
P2
1
2
3
P2-1
VCC
GND
P2-3
I REF
P1
1
2
3
P1-1
MODE
GND
P1-3
GC
GND
GND
PD1
P3-4
P3
1
2
3
4
5


Similar Part No. - RF2658

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF26-01-T-00-50-G ADAM-TECH-RF26-01-T-00-50-G Datasheet
82Kb / 1P
   BULKHEAD ANGLE JACK
RF26-05-00-50-T ADAM-TECH-RF26-05-00-50-T Datasheet
67Kb / 1P
   SMB CONNECTOR
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
   GAIN CONTROLLED IF AMPLIFIER
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
   2.8V PCS UPCONVERTER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
   CDMA/FM RECEIVE AGC AMPLIFIER
More results

Similar Description - RF2658

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
Intersil Corporation
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
   UPCONVERTER MODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
logo
RF Micro Devices
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
   CDMA UPCONVERTER/BPSK MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com