Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2643 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2643
Description  3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2643 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2643 Datasheet HTML 1Page - RF Micro Devices RF2643 Datasheet HTML 2Page - RF Micro Devices RF2643 Datasheet HTML 3Page - RF Micro Devices RF2643 Datasheet HTML 4Page - RF Micro Devices RF2643 Datasheet HTML 5Page - RF Micro Devices RF2643 Datasheet HTML 6Page - RF Micro Devices RF2643 Datasheet HTML 7Page - RF Micro Devices RF2643 Datasheet HTML 8Page - RF Micro Devices RF2643 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary
6-41
RF2643
Rev A1 010717
6
Pin
Function
Description
Interface Schematic
13
VGC
Analog gain control for the driver amplifier. Valid control voltage ranges
from 0.8VDC to 1.9VDC.
14
CELL OUT
Cellular RF output pin. External matching is required. External match-
ing is required. This pin is internally DC biased and should be DC
blocked if it is connected to a device with a DC level present.
15
CELL
ATT GND
Cell attenuator ground pin. This pin should be AC ground. The trace
length between the pin and the bypass capacitors should be minimized.
The value of the capacitor is chosen to resonate in the PCS band.
16
CELL IN
Singled end input for the cellular driver and attenuator. External match-
ing is required. This pin is internally DC biased and should be DC
blocked if it is connected to a device with a DC level present.
17
CELL GND
This pin should be choke to ground. The inductor is used to adjust the
linearity of the cellular driver.
18
CELL VCC
Supply voltage pin for the cell driver. This pin is an open collector and it
will need a bias choke inductor and RF bypass. A parallel resistor to the
inductor improves stability of the driver amplifier.
19
SEL
Band select control pin for the drivers. When Logic "high" (greater than
2.1V) the PCS band is active. When logic "low" (less than 0.5V) the
Cellular Band is active.
20
CELL
MIXOUT
RF mixer output pin for the PCS system. PCS Mixout output imped-
ance depends on the LC match and it is influenced by the bypass
capacitor at VCC2.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad, which is connected to the ground plane. Addi-
tional ground connections are offered at each corner of the package for
flexibility in layout design.
VGC
CELL ATT-GND
Cell
Attenuator
CELL OUT
CELL VCC
CELL GND
SEL
VCC MIX
CELL MIXOUT


Similar Part No. - RF2643

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2640 RFMD-RF2640 Datasheet
102Kb / 6P
   3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
   CDMA UPCONVERTER/BPSK MODULATOR
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
   3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
190Kb / 10P
   3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
332Kb / 12P
   3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results

Similar Description - RF2643

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2640 RFMD-RF2640 Datasheet
102Kb / 6P
   3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
RF2642 RFMD-RF2642_1 Datasheet
332Kb / 12P
   3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642_06 Datasheet
190Kb / 10P
   3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
   3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
logo
Motorola, Inc
MRFIC1884 MOTOROLA-MRFIC1884 Datasheet
52Kb / 4P
   Dual-Band CDMA Upconverter
MC13751 MOTOROLA-MC13751 Datasheet
113Kb / 5P
   DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
logo
RF Micro Devices
RF2363 RFMD-RF2363_1 Datasheet
341Kb / 12P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com