Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2466 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2466
Description  3V CDMA/FM MIXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2466 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2466 Datasheet HTML 1Page - RF Micro Devices RF2466 Datasheet HTML 2Page - RF Micro Devices RF2466 Datasheet HTML 3Page - RF Micro Devices RF2466 Datasheet HTML 4Page - RF Micro Devices RF2466 Datasheet HTML 5Page - RF Micro Devices RF2466 Datasheet HTML 6Page - RF Micro Devices RF2466 Datasheet HTML 7Page - RF Micro Devices RF2466 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
6-14
RF2466
Rev A7 010717
6
CDMA Gain and Noise Figure
versus LO Drive
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO Drive (dBm)
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
CDMA Gain (dB)
CDMA NF (dB)
CDMA IIP3 and Noise Figure
versus LO Drive
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO Drive (dBm)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
CDMA IIP3 (dBm)
CDMA NF (dB)
FM Gain and Noise Figure
versus LO Drive
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-10.0
-9.0-8.0-7.0-6.0-5.0-4.0-3.0-2.0-1.0
0.0
LO Drive (dBm)
6.0
8.0
10.0
12.0
14.0
16.0
FM Gain (dB)
FM NF (dB)
FM IIP3 and Noise Figure
versus LO Drive
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
-10.0
-9.0-8.0-7.0-6.0-5.0-4.0-3.0-2.0-1.0
0.0
LO Drive (dBm)
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
FM IIP3 (dBm)
FM NF (dB)


Similar Part No. - RF2466

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
RF2460 RFMD-RF2460 Datasheet
618Kb / 24P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460 RFMD-RF2460 Datasheet
795Kb / 26P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460PCBA-41X RFMD-RF2460PCBA-41X Datasheet
618Kb / 24P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460PCBA-41X RFMD-RF2460PCBA-41X Datasheet
795Kb / 26P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
More results

Similar Description - RF2466

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
   3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
   3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
   3V CDMA/FM RECEIVE AGC AMPLIFIER
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com