Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10081042 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 10081042
Description  5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 2 Circuits, Tin (Sn) Plating, Pin Length 19.05mm (.750")
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

10081042 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  10081042 Datasheet HTML 1Page - Molex Electronics Ltd. 10081042 Datasheet HTML 2Page - Molex Electronics Ltd. 10081042 Datasheet HTML 3Page - Molex Electronics Ltd. 10081042 Datasheet HTML 4Page - Molex Electronics Ltd. 10081042 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 10081042

ManufacturerPart #DatasheetDescription
logo
Heyco.
10081 HEYCO-10081 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
100812 3M-100812 Datasheet
30Kb / 1P
   Shielded Bags, Standard and Zipped
logo
PHOENIX CONTACT
1008160 PHOENIX-1008160 Datasheet
291Kb / 6P
   SH-Z0011 - Spacer sleeve
1008161 PHOENIX-1008161 Datasheet
291Kb / 6P
   SH-Z0012 - Contact insert
1008162 PHOENIX-1008162 Datasheet
284Kb / 6P
   SH-Z0013 - Connector component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com