Electronic Components Datasheet Search |
|
M1510-H-4-L155-C2 Datasheet(PDF) 5 Page - GSI Group, Inc. |
|
M1510-H-4-L155-C2 Datasheet(HTML) 5 Page - GSI Group, Inc. |
5 / 9 page System Specifications System Grating Period 20µm System Resolution 5µm, 2.5µm, 1.00µm, or 0.50µm (linear) Linear Accuracy* Better than ±1µm** available; contact MicroE Better than ±3µm** up to 130mm, ±5µm from 155mm to 1m, ±5µm per meter from 1m to 2m *Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard, used at room temperature and with MicroE interpolation electronics. **Or +/- one quadrature count, whichever error value is greater. Rotary Accuracy* Scale O.D. Microradians** Arc-Seconds** 12.00mm ±100 ±21 19.05mm ±63 ±13 31.75mm ±38 ±7.8 57.15mm ±19 ±3.9 107.95mm ±10 ±2.1 *Based on ideal scale mounting concentricity **Or +/- one quadrature count, whichever error value is greater. Sensor Size W: 12.70mm 0.500" L: 20.57mm 0.810" H: 8.38mm 0.330" Operating and Electrical Specifications Power Supply 5VDC ±5% @ 60mA Temperature Operating: 0 to 70°C Storage: -20 to 70°C Humidity: 10 - 90% RH non-condensing EMI: M1500S: Entire system is EMI/RFI protected M1500H: Customer provides shielding at cable termination Shock: 1500G 0.5 ms half sine (Sensor) Sensor Weight: 5.0g (Sensor without cable) Cable: Double Shield. Diameter: 3.6mm (0.142”) Flex Life: 20 x 10 6 cycles @ 20mm bending radius All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors. Page 5 of 9 |
Similar Part No. - M1510-H-4-L155-C2 |
|
Similar Description - M1510-H-4-L155-C2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |