Electronic Components Datasheet Search |
|
M1510-S-8-L18-C2 Datasheet(PDF) 7 Page - GSI Group, Inc. |
|
M1510-S-8-L18-C2 Datasheet(HTML) 7 Page - GSI Group, Inc. |
7 / 9 page Page 7 of 9 All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors. MicroE Systems offers a wide array of chrome on glass scales for the highest accuracy and best thermal stability. Easy to install, standard linear and rotary scales meet most application requirements. Customized linear, rotary, and rotary segment scales are available where need- ed. All scales include an optical index. Mercury's glass scales save time by eliminating motion system calibrations or linearity corrections required by other encoders, and provide better thermal stability than metal tape scales. Options include: • Standard linear: 18mm - 2m • Standard rotary: 12mm - 107.95mm diameter, with or without hubs • Custom linear*: special lengths, widths, thickness, index mark locations and special low CTE materials • Custom rotary*: special ID's, OD's (up to 304.8mm), index mark outside the main track and special low CTE materials • Mounting of hubs for rotary scales: MicroE Systems can mount and align standard, custom, or customer-supplied hubs • Rotary segments*: any angle range; wide range of radius values *Custom scales or rotary segments are available in OEM quantities. Contact your local MicroE Systems sales office. Specifications Accuracy ±5 µm <1m ±5 µm/m >1m Material Soda lime glass Typical CTE 8ppm/°C Index Center or End Specifications Accuracy ±3µm standard ±1µm available Material Soda lime glass Typical CTE 8ppm/°C Index Center or End Standard Long Linear Scales 155mm and Longer Key: inches[mm] Standard Short Linear Scales 130mm and Shorter Key: inches[mm] Measured Length is always 5 mm less then total length 0.098 [2.5] 0.787 [20.00] Center Index End Index Scale Length Model L18 L30 L55 L80 L105 L130 Scale Length 0.709 [18] 1.181 [30] 2.165 [55] 3.150 [80] 4.134 [105] 5.118 [130] Measured Length 0.512 [13] 0.984 [25] 1.969 [50] 2.953 [75] 3.937 [100] 4.921 [125] Measured Length is always 5 mm less then total length Scale Length Center Index 0.250 [6.35] 0.036 [0.9] End Index Model L155 L225 L325 L425 L525 L1025 L2025 Scale length 6.102 [155] 8.858 [225] 12.795 [325] 16.732 [425] 20.669 [525] 40.354 [1025] 79.724 [2025] Measured length 5.906 [150] 8.661 [220] 12.598 [320] 16.535 [420] 20.472 [520] 40.157 [1020] 79.528 [2020] Scale Specifications Standard and Customized Scales Custom scales available Custom scales available |
Similar Part No. - M1510-S-8-L18-C2 |
|
Similar Description - M1510-S-8-L18-C2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |