Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2000-M10-256-2-L155-C2 Datasheet(PDF) 4 Page - GSI Group, Inc.

Part # M2000-M10-256-2-L155-C2
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M10-256-2-L155-C2 Datasheet(HTML) 4 Page - GSI Group, Inc.

  M2000-M10-256-2-L155-C2 Datasheet HTML 1Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 2Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 3Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 4Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 5Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 6Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 7Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 8Page - GSI Group, Inc. M2000-M10-256-2-L155-C2 Datasheet HTML 9Page - GSI Group, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4 of 10
System Specifications
Resolution and Maximum Speed
Mercury 2000 systems have programmable interpolation from x4 to x256 in integer steps.
Below is a table of sample values.
Rotary - 20μm grating pitch
Rotary
Fundamental
Interpolation
Glass Scale
Resolution
Note: The range of available values is x4 to x256
Diameter
in integer steps; example values below.
0.472” [12.00mm]
1650 CPR
x4
x100
x256
interpolated resolution (CPR)
6,600
165,000
422,400
interpolated resolution (arc-sec/count)** 196.4
7.85
3.08
interpolated resolution (µrad/count)**
952
38.0
14.85
maximum speed* (RPM)
13090
10470
4090
0.750” [19.05mm]
2500 CPR
x4
x100
x256
interpolated resolution (CPR)
10,000
250,000
640,000
interpolated resolution (arc-sec/count)** 129.6
5.18
2.03
interpolated resolution (µrad/count)**
628.3
25.1
9.8
maximum speed* (RPM)
8640
6912
2700
1.250” [31.75mm]
4096 CPR
x4
x100
x256
interpolated resolution (CPR)
16,384
409,600
1,048,576
interpolated resolution (arc-sec/count) ** 79.1
3.16
1.24
interpolated resolution (µrad/count)**
383.5
15.3
6.0
maximum speed* (RPM)
5273
4219
1648
2.250” [57.15mm]
8192 CPR
x4
x100
x256
interpolated resolution (CPR)
32,768
819,200
2,097,152
interpolated resolution (arc-sec/count)** 39.6
1.58
0.618
interpolated resolution (µrad/count)**
191.7
7.7
3.0
maximum speed* (RPM)
2637
2109
824
4.250” [107.95mm] 16384 CPR
x4
x100
x256
interpolated resolution (CPR)
65,536
1,638,400 4,194,304
interpolated resolution (arc-sec/count)** 19.7
0.791
0.309
interpolated resolution (µrad/count)**
95.9
3.83
1.5
maximum speed* (RPM)
1318
1054
412
*Maximum speed produces an encoder quadrature output of up to 28.8 million states per second.
** Resolution values shown are approximate. To calculate exact resolution values, convert from CPR (Counts Per Revolution) to the desired units.
Note: Specifications assume XOR function which is available in all standard controllers.
To calculate desired rotary interpolation multiplier, use the following equation
Interpolation Multiplier = Desired Resolution (CPR) / Fundamental Scale Resolution (CPR)
All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors.
Linear - 20μm grating pitch
Interpolation
Resolution
Maximum Speed*
x4
5.000µm/count
7200mm/s
x10
2.000µm/count
7200mm/s
x20
1.000µm/count
7200mm/s
x50
0.400µm/count
7200mm/s
x80
0.250µm/count
7200mm/s
x100
0.200µm/count
5760mm/s
x200
0.100µm/count
2880mm/s
x250
0.080µm/count
2300mm/s
To calculate desired linear interpolation multiplier, use the following equation
Interpolation Multiplier = Grating Pitch (20µm) / Desired Resolution (µm/count)


Similar Part No. - M2000-M10-256-2-L155-C2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M2000-109118 AMPHENOL-M2000-109118 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109119 AMPHENOL-M2000-109119 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109120 AMPHENOL-M2000-109120 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109121 AMPHENOL-M2000-109121 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109122 AMPHENOL-M2000-109122 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M2000-M10-256-2-L155-C2

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
   Interpolation Encoder IC
logo
List of Unclassifed Man...
SE25-112-0 ETC1-SE25-112-0 Datasheet
99Kb / 2P
   Smart Encoder
IP200 ETC-IP200 Datasheet
301Kb / 30P
   Interpolation Circuit for Incremental Measuring Systems
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
   Customizable and Fewer Steps to Test
logo
List of Unclassifed Man...
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
UMC Corporation
UM3750 UMC-UM3750 Datasheet
148Kb / 5P
   Programmable Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com