Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1510-S-8-L55-C1 Datasheet(PDF) 6 Page - GSI Group, Inc.

Part # M1510-S-8-L55-C1
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-8-L55-C1 Datasheet(HTML) 6 Page - GSI Group, Inc.

  M1510-S-8-L55-C1 Datasheet HTML 1Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 2Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 3Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 4Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 5Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 6Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 7Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 8Page - GSI Group, Inc. M1510-S-8-L55-C1 Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
or 78.7 [2000] ±.50 [12.7]
19.7 [500] or 39.4 [1000]
52.0
2.05
.142 [3.61]
CABLE DIAMETER
1.47
.058
4.22
.166
6.91
.272
0.94
.037
3.4
.13
15.7
.62
SENSOR MTG SURFACE
A
2.03
.080
16.5
.650
2.11
.083
3.94
.155
8.5
.334
12.70
.500
10.29
.405
20.57
.810
THRU.
2X
2.69
.106
8.75
.345
6.2
.24
B
C
PIN 1
PIN 8
PIN 9
PIN 15
Mechanical Information -
Sensor with Standard D-sub Connector
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
20µm Typical
5VDC
Mercury 1500S Outputs
15-pin Standard Male D-sub connector
PIN
FUNCTION
1
Reserved - do not connect
2
Reserved - do not connect
3
Reserved - do not connect
4
A - quadrature
5
A + quadrature
6
Reserved - do not connect
7
Sine+***
8
Cosine+***
9
B- quadrature
10
B+ quadrature
11
Reserved - do not connect
12
+5VDC
13
Ground
14
Index Window+
15
Index Window-
Index Window
Pin 14 on M1500S and
pin 6 on M1500H
*** Analog outputs are for sensor alignment only and
are nominally 0.85VPP with 1.7V offset.
Page 6 of 9
9.7
.38
8.1
.32
.40 [10.2]
6.4
.25
HEX SHAPED
ALUMINUM SLEEVE
(MAX OD .20 [5.1])
.142 [3.61]
CABLE DIAMETER
1.47
.058
4.22
.166
6.91
.272
3.4
.13
1.66 [42.2]
or 78.7 [2000] ±.50 [12.7]
19.7 [500] or 39.4 [1000]
A
SENSOR MTG SURFACE
A
8.75
.345
2.03
.080
16.5
.650
2.11
.083
3.93
.155
12.70
.500
8.5
.334
THRU.
2X
2.69
.106
10.29
.405
20.57
.810
6.2
.24
B
C
DETAIL A
SCALE: 3:1
PIN 1
PIN 9
PIN 10
PIN 2
KEYWAY
Mechanical Information -
Sensor with Micro-connector
Note: See user manual for guidelines on
cable strain relief and grounding.
Mercury 1500H Outputs
Micro-connector (Female 5 x 2 Header)
PIN
FUNCTION
1
Sine+***
2
Index Window -
3
Cosine+***
4
Ground
5
A + quadrature**
6
Index Window +
7
A - quadrature**
8
+5VDC
9
B+ quadrature**
10
B- quadrature**
**Compatible with RS-422 receiver
*** Analog outputs are for sensor alignment only
and are nominally 0.85VPP with 1.7V offset.
39.4 [1000] or 78.7 [2000] or
196.9 [5000] ± .50 [12.7]
39.4 [1000] or 78.7 [2000] or
196.9 [5000] ± .50 [12.7]


Similar Part No. - M1510-S-8-L55-C1

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1510-2 MOSDESIGN-M1510-2 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
M1510-8 MOSDESIGN-M1510-8 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
More results

Similar Description - M1510-S-8-L55-C1

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
   3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
logo
NXP Semiconductors
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com