Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5445YRU Datasheet(PDF) 1 Page - Analog Devices

Part # AD5445YRU
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5445YRU Datasheet(HTML) 1 Page - Analog Devices

  AD5445YRU Datasheet HTML 1Page - Analog Devices AD5445YRU Datasheet HTML 2Page - Analog Devices AD5445YRU Datasheet HTML 3Page - Analog Devices AD5445YRU Datasheet HTML 4Page - Analog Devices AD5445YRU Datasheet HTML 5Page - Analog Devices AD5445YRU Datasheet HTML 6Page - Analog Devices AD5445YRU Datasheet HTML 7Page - Analog Devices AD5445YRU Datasheet HTML 8Page - Analog Devices AD5445YRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-/10-/12-Bit, High Bandwidth
Multiplying DACs with Parallel Interface
AD5424/AD5433/AD5445
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2009 Analog Devices, Inc. All rights reserved.
FEATURES
2.5 V to 5.5 V supply operation
Fast parallel interface (17 ns write cycle)
Update rate of 20.4 MSPS
INL of ±1 LSB for 12-bit DAC
10 MHz multiplying bandwidth
±10 V reference input
Extended temperature range: –40°C to +125°C
20-lead TSSOP and chip scale (4 mm × 4 mm) packages
8-, 10-, and 12-bit current output DACs
Upgrades to AD7524/AD7533/AD7545
Pin-compatible 8-, 10-, and 12-bit DACs in chip scale
Guaranteed monotonic
4-quadrant multiplication
Power-on reset with brownout detection
Readback function
0.4 μA typical power consumption
APPLICATIONS
Portable battery-powered applications
Waveform generators
Analog processing
Instrumentation applications
Programmable amplifiers and attenuators
Digitally controlled calibration
Programmable filters and oscillators
Composite video
Ultrasound
Gain, offset, and voltage trimming
GENERAL DESCRIPTION
The AD5424/AD5433/AD54451 are CMOS 8-, 10-, and 12-bit
current output digital-to-analog converters (DACs), respect-
ively. These devices operate from a 2.5 V to 5.5 V power supply,
making them suitable for battery-powered applications and
many other applications. These DACs utilize data readback,
allowing the user to read the contents of the DAC register via
the DB pins. On power-up, the internal register and latches are
filled with 0s and the DAC outputs are at zero scale.
As a result of manufacturing with a CMOS submicron process,
they offer excellent 4-quadrant multiplication characteristics,
with large signal multiplying bandwidths of up to 10 MHz.
The applied external reference input voltage (VREF) determines
the full-scale output current. An integrated feedback resistor
(RFB) provides temperature tracking and full-scale voltage output
when combined with an external I-to-V precision amplifier.
While these devices are upgrades of the AD7524/AD7533/
AD7545 in multiplying bandwidth performance, they have a
latched interface and cannot be used in transparent mode.
The AD5424 is available in small, 20-lead LFCSP and 16-lead
TSSOP packages, while the AD5433/AD5445 DACs are
available in small, 20-lead LFCSP and TSSOP packages.
1 U.S Patent No. 5,689,257.
FUNCTIONAL BLOCK DIAGRAM
AD5424/
AD5433/
AD5445
VDD
CS
R/W
GND
DB0
DATA
INPUTS
DB7/DB9/DB11
VREF
RFB
IOUT1
IOUT2
POWER-ON
RESET
DAC REGISTER
INPUT LATCH
8-/10-/12-BIT
R-2R DAC
R
Figure 1.


Similar Part No. - AD5445YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5445YRU AD-AD5445YRU Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ AD-AD5445YRUZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL AD-AD5445YRUZ-REEL Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL7 AD-AD5445YRUZ-REEL7 Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

Similar Description - AD5445YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com