Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-70400-1105 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-70400-1105
Description  2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 21 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

A-70400-1105 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-70400-1105 Datasheet HTML 1Page - Molex Electronics Ltd. A-70400-1105 Datasheet HTML 2Page - Molex Electronics Ltd. A-70400-1105 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0014564210
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch SL™ Insulation Displacement Connector Assembly, Female,
Single Row, Version C, Front Ribs, Wire Size 24, 0.76µm (30µ") Gold (Au), 21 Circuits
Documents:
3D Model
Product Specification PS-70400 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
70400
Comments
Terminals Preloaded
Component Type
Housing
Glow-Wire Compliant
No
Overview
cgrid__sl_products
Product Name
SL™
Physical
Circuits (Loaded)
21
Color - Resin
Black
Durability (mating cycles max)
50
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
1
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
1.35mm (.053") max.
Wire Size AWG
24
Wire/Cable Type
Discrete Wire, Ribbon Cable
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70400Series
Mates With
70544, 70546, 70554 , 70556
Use With
7307 Tinned 28AWG, 7767 Topcoat
28AWG, 24241 Tinned 26AWG, 8996
Topcoat 26AWG, 24226 Tinned 24AWG,
8997 Topcoat 24AWG, 24369 High Flex
26AWG, 24389 High Flex 24AWG
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hawk Semi-
Automatice Discrete
Wire Terminator for
SL - Rebuilt US*
0011201337


Similar Part No. - A-70400-1105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70400-1100 MOLEX1-A-70400-1100 Datasheet
151Kb / 3P
   2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 16 Circuits
A-70400-1101 MOLEX1-A-70400-1101 Datasheet
151Kb / 3P
   2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 17 Circuits
A-70400-1102 MOLEX1-A-70400-1102 Datasheet
151Kb / 3P
   2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 18 Circuits
A-70400-1103 MOLEX1-A-70400-1103 Datasheet
151Kb / 3P
   2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly
A-70400-1104 MOLEX1-A-70400-1104 Datasheet
151Kb / 3P
   2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 20 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com