Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14XXXBCL Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC14XXXBCL
Description  Industrial Time Base Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCL Datasheet(HTML) 2 Page - Motorola, Inc

  MC14XXXBCL Datasheet HTML 1Page - Motorola, Inc MC14XXXBCL Datasheet HTML 2Page - Motorola, Inc MC14XXXBCL Datasheet HTML 3Page - Motorola, Inc MC14XXXBCL Datasheet HTML 4Page - Motorola, Inc MC14XXXBCL Datasheet HTML 5Page - Motorola, Inc MC14XXXBCL Datasheet HTML 6Page - Motorola, Inc MC14XXXBCL Datasheet HTML 7Page - Motorola, Inc MC14XXXBCL Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14566B
2
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.0 µA/kHz) f + IDD
IT = (2.0 µA/kHz) f + IDD
IT = (3.0 µA/kHz) f + IDD
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However,
precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance
circuit. For proper operation, Vin and Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must
be left open.


Similar Part No. - MC14XXXBCL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Similar Description - MC14XXXBCL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4566B STMICROELECTRONICS-HCC4566B Datasheet
202Kb / 6P
   INDUSTRIAL TIME-BASE GENERATOR
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
   Industrial Time Base Generator
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
   짹1PPM Time base stability
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
   C-MOS TIME CODE GENERATOR / READER
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
   One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com