Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA35-EFCNN120 Datasheet(PDF) 4 Page - Schurter Inc.

Part # TA35-EFCNN120
Description  Thermal Circuit Breaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-EFCNN120 Datasheet(HTML) 4 Page - Schurter Inc.

  TA35-EFCNN120 Datasheet HTML 1Page - Schurter Inc. TA35-EFCNN120 Datasheet HTML 2Page - Schurter Inc. TA35-EFCNN120 Datasheet HTML 3Page - Schurter Inc. TA35-EFCNN120 Datasheet HTML 4Page - Schurter Inc. TA35-EFCNN120 Datasheet HTML 5Page - Schurter Inc. TA35-EFCNN120 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
circuit breakers
TA35
www.schurter.com/pg17_18_19
Without thermal overload protection: code C00
With thermal overload protection: rated current In (A)
0ther rated currents on request.
* 3-pole max. 12A
In
Code
0.05
Z05
0.1
J01
0.2
J0
0.3
J03
0.4
J04
0.5
J05
0.8
J08
In
Code
1.0
J10
1.2
J1
1.5
J15
2.0
J0
2.5
J5
3.0
030
3.5
035
In
Code
4.0
040
5.0
050
6.0
060
7.0
070
8.0
080
10.0
100
12.0
10
In
Code
14.0
140 *
15.0
150 *
16.0
160 *
18.0
180 *
20.0
00 *
EBT
T
F
10
C0
TA35-
Noother
features
Frontbezel and actuation knob
Bezel
Knob
T
black
black
N
without bezel
without knob
Bezel marking
Surface
Symbol
F
relief recessed
I 0
N
no marking
no marking
Order Code
Other versions on request
7
P1
LINE
LOAD
4
P1
LINE
LOAD
P1
7
P2
8
LINE
LOAD
P1
4
P2
8
LINE
LOAD
P1
4
P2
5
LINE
LOAD
P1
7
P2
8
P3
9
LINE
LOAD
P1
4
P2
5
P3
6
LINE
LOAD
Number of switched poles
1-pole
-pole
3-pole
Number of protected poles
0
1
0
1

0
3
Basic type
EFC
EFT
EBC
EBT
EBD
EKC
EKD


Similar Part No. - TA35-EFCNN120

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-C123FJ10 SCHURTER-TA35-C123FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123HJ10 SCHURTER-TA35-C123HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123KJ10 SCHURTER-TA35-C123KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124FJ10 SCHURTER-TA35-C124FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124HJ10 SCHURTER-TA35-C124HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

Similar Description - TA35-EFCNN120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
   Resettable Thermal Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com