Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1504P-L325-C1 Datasheet(PDF) 6 Page - GSI Group, Inc.

Part # M1504P-L325-C1
Description  Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1504P-L325-C1 Datasheet(HTML) 6 Page - GSI Group, Inc.

  M1504P-L325-C1 Datasheet HTML 1Page - GSI Group, Inc. M1504P-L325-C1 Datasheet HTML 2Page - GSI Group, Inc. M1504P-L325-C1 Datasheet HTML 3Page - GSI Group, Inc. M1504P-L325-C1 Datasheet HTML 4Page - GSI Group, Inc. M1504P-L325-C1 Datasheet HTML 5Page - GSI Group, Inc. M1504P-L325-C1 Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS-M1500P Rev 1 © 2008 MicroE Systems
Page 6 of 6
M
Miic
crro
oE
E S
Syysstte
em
mss – World Headquarters: 125 Middlesex Turnpike • Bedford • MA 01730
www.microesys.com • info@microesys.com • T. [781]-266-5700 • F. [781]-266-5112
M15xxP
Scale Model – Scale Mounting
Lxxx or Rxxxx
For Linear Scales:
T = Tape Mounting
C1 = 3 scale clamps*
C2 = 10 scale clamps**
Hubs for Rotary Scales:
NH = No hub
HE = for R1206
HA = for R1910
HB = for R3213
HC = for R5725
HD = for R10851
How to Order Mercury 1500P Encoder Systems
To specify your Mercury encoder with the desired scale, consult the chart below to create the correct part number for
your order. Call MicroE Systems’ Rapid Customer Response team for more information at [781] 266-5700.
Example (linear): M1540P-L55-C1 (rotary): M1540P-R3213-HB
* 3 clamps come standard with linear scales up to 130mm
** 10 clamps come standard with linear scales 155mm or longer
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
Key: inches[mm]
Model No.
Scale Outer
Scale Inner
Optical
Hub Inner
Hub
Fundamental
Diameter
Diameter
Diameter
Diameter
Thickness
CPR
+.0005/-0.0000
R1206
0.472 [12.00]
0.250 [6.35]
0.413 [10.50]
0.1253 [3.18]
0.040 [1.02]
1650
R1910
0.750 [19.05]
0.375 [9.52]
0.627 [15.92]
0.1253 [3.183]
0.040 [1.02]
2500
R3213
1.250 [31.75]
0.500 [12.70]
1.027 [26.08]
0.2503 [6.358]
0.050 [1.27]
4096
R5725
2.250 [57.15]
1.000 [25.40]
2.053 [52.15]
0.5003 [12.708]
0.060 [1.52]
8192
R10851
4.250 [107.95]
2.000 [50.80]
4.106 [104.30]
1.0003 [25.408]
0.080 [2.03]
16384
HUB I.D.
OPTICAL DIAMETER
SCALE O.D.
HUB THICKNESS
SCALE
PATTERN
MOUNTING
HOLES
Specifications
Material
Soda lime glass
Typical CTE
8ppm/°C
Standard Rotary Scales
Custom scales available
M1504P = 4x interpolation
M1508P = 8x
M1520P = 20x
M1540P = 40x


Similar Part No. - M1504P-L325-C1

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Pulse A Technitrol Comp...
M1500 PULSE-M1500 Datasheet
115Kb / 2P
   SMT GATE DRIVE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1500-B-2545-SS RAF-M1500-B-2545-SS Datasheet
63Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
M1502-B-2545-SS RAF-M1502-B-2545-SS Datasheet
73Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
logo
List of Unclassifed Man...
M150X3-T03 ETC-M150X3-T03 Datasheet
638Kb / 27P
   15.0 TFT Liquid Crystal Display module
More results

Similar Description - M1504P-L325-C1

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
logo
Analog Devices
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. E
logo
Texas Instruments
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD2S83 AD-AD2S83 Datasheet
176Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com