Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2000-M05-256-3-L30-T Datasheet(PDF) 2 Page - GSI Group, Inc.

Part # M2000-M05-256-3-L30-T
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M05-256-3-L30-T Datasheet(HTML) 2 Page - GSI Group, Inc.

  M2000-M05-256-3-L30-T Datasheet HTML 1Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 2Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 3Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 4Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 5Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 6Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 7Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 8Page - GSI Group, Inc. M2000-M05-256-3-L30-T Datasheet HTML 9Page - GSI Group, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
System Configurations
Standard and Optional Equipment
M2000 Smart Encoder Systems
Standard Equipment
Page 2 of 10
M10
RS 232 Interface
Adapter
The adapter provides
connections to a PC,
the encoder system
and the controller.
SmartPrecisionSoftware
The software module enables
all programmable and diagnostic
features plus displays encoder
output and signal strength.
See page 8 for details.
M2000
Optional Equipment
Encoder Sensor
Same for linear and
rotary scales.
SmartPrecisionElectronics
Module
New Metal Enclosure Provides
Best-in-Class Noise Immunity
Sensor Cable
The standard cable is
double shielded and
available in lengths of
0.5m, 1m or 2m.
A 15 pin high density
D-sub connector mates
to the customer controller.


Similar Part No. - M2000-M05-256-3-L30-T

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M2000-109118 AMPHENOL-M2000-109118 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109119 AMPHENOL-M2000-109119 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109120 AMPHENOL-M2000-109120 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109121 AMPHENOL-M2000-109121 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109122 AMPHENOL-M2000-109122 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M2000-M05-256-3-L30-T

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
   Interpolation Encoder IC
logo
List of Unclassifed Man...
SE25-112-0 ETC1-SE25-112-0 Datasheet
99Kb / 2P
   Smart Encoder
IP200 ETC-IP200 Datasheet
301Kb / 30P
   Interpolation Circuit for Incremental Measuring Systems
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
   Customizable and Fewer Steps to Test
logo
List of Unclassifed Man...
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
UMC Corporation
UM3750 UMC-UM3750 Datasheet
148Kb / 5P
   Programmable Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com