Electronic Components Datasheet Search |
|
EYP2MP092DU Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
EYP2MP092DU Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 8 page Thermal Cutoffs (TCO) Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Note: (1) For long lead types add the letter “L” at the end op the part number. (2) The information of the Approved Safety Standards is furnished as of Jan. 2008. Approved Safety Standards File No. UL/C-UL:E60271, CSA:1687496(LR67163), VDE:481106-1171-0001, BEAB:C1144, CCC:2002010205004249 ● F series ■ Ratings ● N series Part No. Type No. of Approved Standards Rated Functioning Temp. : Tf✽ 1 (°C) Functioning Temp. ✽ 2 (°C) Electrical Rating Maximum Operating Temp. ✽ 3 (°C) Holding Temp. : Th✽ 4 (°C) Maximum Temp. Limit : Tm✽ 5 (°C) Approved Safety Standards AC/ DC Volt. (V) Amp. (A) PS E UL CSA VDE BEAB CCC EYP2BN082 N082 86 82±2 AC 250 2 60 60 200 AC 125 3 52 56 — — DC 50 4 45 50 — — EYP2BN099 N099 102 98 +4 AC 250 2 65 75 200 AC 125 3 60 70 — — DC 50 4 55 65 — — EYP2BN109 N109 114 110±3 AC 250 2 80 90 200 AC 125 3 76 86 — — DC 50 5 65 74 — — EYP2BN110 N110 115 110 +3 AC 250 2 80 90 200 AC 125 3 76 86 — — DC 50 5 65 74 — — EYP2BN127 N127 134 129±4 AC 250 2 90 100 200 AC 125 3 75 90 — — DC 50 4 65 80 — — EYP2BN134 N134 139 135±3 AC 250 2 100 110 200 AC 125 3 85 100 — — DC 50 6 60 70 — — EYP2BN143 N143 145 141±2 AC 250 2 110 120 200 AC 125 3 105 115 — — DC 50 6 80 90 — — –2 –3 Note: (1) For long lead types add the letter “L” at the end op the part number. (2) The information of the Approved Safety Standards is furnished as of Jan. 2008. Approved Safety Standards File No. UL/C-UL:E60271, CSA:1709436(LR67163), VDE:481106-1171-0003, BEAB:C1133, CCC:2002010205004248 Part No. Type No. of Approved Standards Rated Functioning Temp. : Tf✽ 1 (°C) Functioning Temp. ✽ 2 (°C) Electrical Rating Maximum Operating Temp. ✽ 3 (°C) Holding Temp. : Th✽ 4 (°C) Maximum Temp. Limit : Tm✽ 5 (°C) Approved Safety Standards AC/ DC Volt. (V) Amp. (A) PS E UL C-UL CSA VDE BEAB CCC EYP1BF101 F101 102 98±3 AC 250 1 65 75 200 AC 125 2 60 70 — — DC 50 3.5 55 65 — — EYP1BF115 F115 115 110 +3 AC 250 1 80 90 200 AC 125 2 76 90 — — DC 50 4 70 80 — — EYP1BF134 F134 134 129 +4 AC 250 1 90 105 200 AC 125 2 85 100 — — DC 50 4 65 80 — — EYP1BF138 F138 139 135±3 AC 250 1 100 110 200 AC 125 2 90 105 — — DC 50 5 65 70 — — EYP1BF145 F145 145 141±2 AC 250 1 110 125 200 AC 125 2 110 125 — — DC 50 5 80 95 — — –3 –2 Jan. 2008 |
Similar Part No. - EYP2MP092DU |
|
Similar Description - EYP2MP092DU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |