Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERQ12ABJ101P Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ERQ12ABJ101P
Description  Metal Film Fusing Resistors, ERQA, Z
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERQ12ABJ101P Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ERQ12ABJ101P Datasheet HTML 1Page - Panasonic Semiconductor ERQ12ABJ101P Datasheet HTML 2Page - Panasonic Semiconductor ERQ12ABJ101P Datasheet HTML 3Page - Panasonic Semiconductor ERQ12ABJ101P Datasheet HTML 4Page - Panasonic Semiconductor ERQ12ABJ101P Datasheet HTML 5Page - Panasonic Semiconductor ERQ12ABJ101P Datasheet HTML 6Page - Panasonic Semiconductor ERQ12ABJ101P Datasheet HTML 7Page - Panasonic Semiconductor ERQ12ABJ101P Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film
Fusing Resistors, ERQA, Z
T
t
Safety Precautions
PP
: Pulse limit power (W)
VP
: Pulse limit voltage (V)
t
: Pulse continuous time (s)
T
: Period (s)
VR
: Rated voltage (V)
P
: Rated power (W)
R
: Resistance value ( )
Vpmax. : Max. pulse limit voltage (V)
Type
K
Vp max. (V)
ERQ14A
0.6
200
ERQ12A
0.6
250
ERQ1AB
0.6
250
ERQ2AB
0.4
250
Withstand pulse limit power is calculated by the next
method.
PP = K · P · T/
t
VP =
K · P · R · T/
t
Reference to the right about a fixed number of VPmax.
● T>1(s)
T=1(s)
● T/t>100
T/
t=100
● PP<P
P stands for PP
(VP<VR
VR stands for VP)
● Added voltage<Vp max.
● PP or VP is reference value
Conditions : Pulse added time=1000 h, Resistance change=±5 %
Room temperature
(Data for Reference)
Pulse Characteristics (Usual)
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors
shown on page ER3 of this catalog.
1. Checking the fusing conditions
1) Fusing characteristics differ depending on the type, shape, and resistance. Check the fusing conditions before
selecting the type of Metal Film Fusing Resistors (hereafter called the fusing resistor) to be used.
2) Use the fusing resistors under the maximum open circuit voltage. Otherwise, arcing may occur when a voltage
much higher than the rated one is applied in the event of an abnormality in the circuit, or when a high voltage
is applied after fusing.
3) Under abnormal conditions of a constant voltage circuit, a current of about 2 or 3 times the initial abnormal
current passes through, accelerating the speed at which the fusing resistors blows. When using a constant
current circuit, carefully check the conditions because the fusing resistors may not blow in a constant current
circuit.
2. Checking for pulse voltage, impact voltage, and transient voltage
Make sure to evaluate and check the fusing resistors mounted on your product if they are to be mounted on a
circuit that generates an impact voltage, or if there is a possibility that the transient phenomenon (significantly
high voltage applied in a short time) may occur or that a pulse voltage with a high peak voltage may be applied.
Make sure to consult our sales staff before using the fusing resistors under special conditions.
3. Conditions of use in a steady state
Make sure that the load conditions have a sufficient allowance for the power derating curve. The characteristics of
the fusing resistors are set by using a constant voltage circuit.
4. The solvent resistance of the fusing resistors is not assured. If you use a solvent for cleaning after soldering or
other processes, make sure to consult our sales staff before use and perform a prior test and evaluation to
ensure that the solvent will not affect the reliability of the fusing resistors.
Feb. 2006


Similar Description - ERQ12ABJ101P

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com