Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELF25C009F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELF25C009F
Description  Line Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF25C009F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELF25C009F Datasheet HTML 1Page - Panasonic Semiconductor ELF25C009F Datasheet HTML 2Page - Panasonic Semiconductor ELF25C009F Datasheet HTML 3Page - Panasonic Semiconductor ELF25C009F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
E
1
L
2
F
3
2
4
5
5
C
6
0
7
0
89
A
10
11
12
3
Product Code
Option 1
Option 2
Design No. (Current)
Option 3
Series
Type
Explanation of Part Numbers
Recommended Applications
Lighting, A/V, communications and power supply
equipment
Features
Excellent attenuation characteristics
Compact size and high inductance
Low profile, suitable for high density mounting
Combination Line Filters for attenuation of both common
and normal mode noise.
Combination Line Filters
Series:
C
Type:
21C, 25C
Type 25C
A
Type 21C
Type 25C
F
Performance Characteristics
UL, CSA : –20 °C to 100 °C
✽✽
Only the combination line filter does not have safety standards recognition
Series
Series C
Note
Item
Type
21C, 25C
Operating Temperature
–20 °C to 115 °C
Voltage
AC 250 Vrms max.
Current
Refer to examples
Inductance
Refer to examples
Dielectric Withstanding Voltage
AC 2 kV 1 min.
Temperature Rise
45 K max.
Resistance method
Applicable Safety Standards ✽✽
Denki Yohin , UL, CSA, IEC
Indonesia
Japan
Jun. 2006


Similar Part No. - ELF25C009F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF25F004A PANASONIC-ELF25F004A Datasheet
35Kb / 1P
   Line Filters
ELF25F004A PANASONIC-ELF25F004A Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
ELF25F005A PANASONIC-ELF25F005A Datasheet
35Kb / 1P
   Line Filters
ELF25F005A PANASONIC-ELF25F005A Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
ELF25F009A PANASONIC-ELF25F009A Datasheet
35Kb / 1P
   Line Filters
More results

Similar Description - ELF25C009F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com