Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELF23F906A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELF23F906A
Description  Line Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF23F906A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELF23F906A Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
Marking
21.0
±0.5
28 max.
11.0
±0.5
25 max.
21.0
±0.1
4–
f1.2
±0.1
12
3
4
4-
f0.8
±0.1
16.0
±0.5
4–
f0.8
±0.1
24 max.
10.0
±0.5
23 max.
16.0
±0.1
4–
f1.2
±0.1
Marking
12
3
4
Type 25F
Recommended PWB piercing plan
Dimensions in mm (not to scale)
DC Resistance
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF25F105A
25F105A
40.0
1.713
0.5
ELF25F118A
25F118A
3.0
0.148
1.8
ELF25F106A
25F106A
28.0
1.240
0.6
ELF25F004A
25F004A
50.0
2.404
0.4
ELF25F107A
25F107A
20.0
0.940
0.7
ELF25F005A
25F005A
30.0
1.560
0.5
ELF25F108A
25F108A
15.0
0.594
0.8
ELF25F009A
25F009A
10.0
0.466
0.9
ELF25F109A
25F109A
12.0
0.528
0.9
ELF25F010A
25F010A
8.0
0.421
1.0
ELF25F110A
25F110A
10.0
0.466
1.0
ELF25F012A
25F012A
5.5
0.281
1.2
ELF25F112A
25F112A
7.0
0.321
1.2
ELF25F020A
25F020A
2.0
0.107
2.0
ELF25F113A
25F113A
6.0
0.285
1.3
ELF25F022A
25F022A
1.6
0.093
2.2
ELF25F114A
25F114A
5.0
0.207
1.4
ELF25F025A
25F025A
1.3
0.071
2.5
ELF25F116A
25F116A
4.0
0.199
1.6
Series F
Type 23F
Recommended PWB piercing plan
Dimensions in mm (not to scale)
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF23F003A
23F003A
50.0
2.989
0.3
ELF23F010A
23F010A
5.0
0.328
1.0
ELF23F004A
23F004A
30.0
1.770
0.4
ELF23F012A
23F012A
3.5
0.258
1.2
ELF23F005A
23F005A
20.0
1.219
0.5
ELF23F014A
23F014A
2.5
0.177
1.4
ELF23F906A
23F906A
14.0
0.949
0.6
ELF23F016A
23F016A
2.0
0.156
1.6
ELF23F007A
23F007A
10.0
0.704
0.7
ELF23F018A
23F018A
1.5
0.130
1.8
ELF23F008A
23F008A
8.0
0.590
0.8
ELF23F020A
23F020A
1.2
0.107
2.0
ELF23F009A
23F009A
6.0
0.468
0.9
ELF23F022A
23F022A
1.0
0.097
2.2
DC Resistance
● Standard Parts
● Standard Parts
Feb. 2006


Similar Part No. - ELF23F906A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF23F906A PANASONIC-ELF23F906A Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
More results

Similar Description - ELF23F906A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com