Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELKEA102FA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELKEA102FA
Description  Coil type EMI Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELKEA102FA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELKEA102FA Datasheet HTML 1Page - Panasonic Semiconductor ELKEA102FA Datasheet HTML 2Page - Panasonic Semiconductor ELKEA102FA Datasheet HTML 3Page - Panasonic Semiconductor ELKEA102FA Datasheet HTML 4Page - Panasonic Semiconductor ELKEA102FA Datasheet HTML 5Page - Panasonic Semiconductor ELKEA102FA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Coil type EMI Filters
Month Code:1 Letter
Inner Capacitance:3 Letters
Top
View
Side
View
103 P
103P
Indication 1
Indication 2
ELKEA103FA
ELKEA100FA
ELKEA220FA
ELKEA470FA
ELKEA101FA
ELKEA221FA
ELKEA471FA
ELKEA102FA
ELKEA222FA
ELKEA333FA
LL
C
SG
VV
110
100
1000
10000
-60
-50
-40
-30
-20
-10
0
10
ELKEA
FA
Frequency (MHz)
100
220
470
101
221
471
102
222
103
333
Large Current Coil type EMI Filters (Digital Noise Filters)
SMD
Series:
ELKEA
Features
3218 case size, 6 A rated current.
No variation in attenuation characteristics as current
changes.
The stable P/N marking using laser technology makes
the part number check easier.
Part No.
Cut off frequency
(MHz)
Inner Capacitance
(pF typ.)
Rated
Voltage
(V)
Rated
Current
(A)
Indication
min.
Packaging
unit (pcs.)
ELKEA100FA
500
10
50
6.0
100
Indication 2
2000
ELKEA220FA
300
22
220
ELKEA470FA
150
47
470
ELKEA101FA
70
100
101
ELKEA221FA
30
220
221
ELKEA471FA
15
470
471
ELKEA102FA
7
1000
102
ELKEA222FA
3
2200
222
ELKEA103FA
0.5/DC
10000
103
Indication 1
ELKEA333FA
0.2/DC
33000
25
333
Indication 2
Typical Specification
Operating temperature
: –20 to +85 °C
Rated Voltage
: DC 50 V (Except ELKEA333FA : DC25 V)
Rated Current
: DC 6 A
Reliability characteristics endurance (High Temp.)
Soldering condition (reflow) : 85 °C 50 V 6 A 1000 h (Spec : 500 h)
Standard Parts
note1 : 4th letter ( ) of marking indicates the Month Code.
note2 : Indication 1, 2 refer to Indication examples.
Indication Examples
Performance characteristics (Reference)
Equivalent circuit, measurement block diagram
Dec. 2009


Similar Part No. - ELKEA102FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELKEA102FA PANASONIC-ELKEA102FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA102FA PANASONIC-ELKEA102FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA102FA PANASONIC-ELKEA102FA Datasheet
141Kb / 6P
   Coil type EMI Filters
More results

Similar Description - ELKEA102FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELK-E103FA PANASONIC-ELK-E103FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELK-EA333FA PANASONIC-ELK-EA333FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELKE PANASONIC-ELKE Datasheet
133Kb / 2P
   Coil type EMI Filters (DNF)
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELK-E333FA PANASONIC-ELK-E333FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com