Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2352 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2352
Description  3V CDMA DRIVER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2352 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2352 Datasheet HTML 1Page - RF Micro Devices RF2352 Datasheet HTML 2Page - RF Micro Devices RF2352 Datasheet HTML 3Page - RF Micro Devices RF2352 Datasheet HTML 4Page - RF Micro Devices RF2352 Datasheet HTML 5Page - RF Micro Devices RF2352 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
4-180
RF2352
Rev A4 010720
4
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
22 nF
1500
1nF
1nF
MODE SELECT
10 nH
1nF
4pF
50
Ωµstrip
1nF
50
Ωµstrip
Package base serves as die flag ground. The vias
connecting the backside of the board should be
large in diameter to allow for easier soldering.
13
12
11
10
9
8
16
14
15
1
2
3
4
5
7
6
RF IN
V
CC
V
CC
RF OUT
V
CC
C1
22 nF
50
Ωµstrip
J1
RF IN
R1
1500
C2
1nF
VREF
C3
1nF
PD
R2*
0
R4*
0
50
Ωµstrip
L1
10 nH
VCC
C6
1nF
C5
4pF
50
Ωµstrip
J2
RF OUT
VCC
C4
1nF
50
Ωµstrip
PD
GND
VREF
P1
1
2
3
CON3
NC
GND
VCC
P2
1
2
3
CON3
* R2, R3 and R4 form a "Tee" attenuator network which
determines the gain in the bypass mode. Evaluation
boards are shipped with R2 and R4 as 0
Ω jumpers, and
R3 omitted. This configuration provides the maximum
gain (about -4 dB) available in bypass mode.
13
12
11
10
9
8
16
14
15
1
2
3
4
5
7
6
2352400-
R3*
*
OMIT
Package base serves as die flag ground. The vias
connecting the backside of the board should be large in
diameter to allow for easier soldering.


Similar Part No. - RF2352

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
   HIGH ISOLATION BUFFER AMPLIFIER
RF2301PCBA RFMD-RF2301PCBA Datasheet
198Kb / 10P
   HIGH ISOLATION BUFFER AMPLIFIER
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
   BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-H RFMD-RF2302PCBA-H Datasheet
164Kb / 8P
   BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-L RFMD-RF2302PCBA-L Datasheet
164Kb / 8P
   BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2352

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
   3V CDMA RECEIVE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com