Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXC14CE650U Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EXC14CE650U
Description  Common mode Noise Filters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC14CE650U Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EXC14CE650U Datasheet HTML 1Page - Panasonic Semiconductor EXC14CE650U Datasheet HTML 2Page - Panasonic Semiconductor EXC14CE650U Datasheet HTML 3Page - Panasonic Semiconductor EXC14CE650U Datasheet HTML 4Page - Panasonic Semiconductor EXC14CE650U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Common mode Noise Filters
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Preheating
Peak
Heating
Time
EF
E
B
E
F
B
Recommended Land Pattern Design
Recommended Soldering Conditions
Recommendations and precautions are described below
Safety Precations
The following are precautions for individual products. Please also refer to the precautions common to EMI Filters,
ESD Suppressors, Fuses, and MR Sensors shown on page EL113 of this catalog.
1. Use rosin-based flux or halogen-free flux.
2. For cleaning, use an alcohol-based cleaning agent. Before using any other type, consult with our sales person
in advance.
3. Do not apply shock to Common mode Noise Filters (hereafter called the filters) or pinch them with a hard tool
(e.g. pliers and tweezers). Otherwise, their bodies may be chipped, affecting their performance. Excessive me-
chanical stress may damage the filters. Handle with care.
4. Store the filters in a location with a temperature ranging from –5 °C to +40 °C and a relative humidity of 40 % to 60 %,
where there are no rapid changes in temperature or humidity.
5. Use the filters within half a year after the date of the outgoing inspection indicated on the packages.
<Repair with hand soldering>
● Preheat with a blast of hot air or similar method. Use a soldering iron with a tip temperature of 350 °C or less. Solder
each electrode for 3 seconds or less.
● Never touch this product with the tip of a soldering iron.
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 10 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 170 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
● Recommended soldering conditions for reflow
For soldering (Example : Sn-37Pb)
For lead-free soldering (Example : Sn/3Ag/0.5Cu)
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
Type
Dimensions (mm)
AB
C
D
E
F
EXC18C
1.4
1.4
0.4
0.5
0.2
0.4
Type
Dimensions (mm)
AB
C
D
E
F
EXC14C
0.80 to 1.00
0.80
0.30
0.25 to 0.35
0.30
0.20
EXC24C
1.60 to 2.00
0.95
0.70
0.45 to 0.65
0.35
0.25
EXC14C , EXC24C
EXC18C
● Flow soldering
· We do not recommend flow soldering , because flow soldering may cause bridges betwwn the electrodes.
Jun. 2009


Similar Part No. - EXC14CE650U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC14CE900U PANASONIC-EXC14CE900U Datasheet
343Kb / 12P
   PRODUCT SPECIFICATION FOR APPROVAL
More results

Similar Description - EXC14CE650U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC-24CE900U PANASONIC-EXC-24CE900U Datasheet
81Kb / 2P
   Common mode Noise Filters
logo
ABCO ELECTRONICS CO.LTD
ECS21P2750 ABCO-ECS21P2750 Datasheet
526Kb / 4P
   COMMON MODE NOISE FILTERS
logo
Panasonic Semiconductor
EXCX4CT PANASONIC-EXCX4CT Datasheet
66Kb / 2P
   Common mode Noise Filters
00 Sep. 2015
EXC24CE360UP PANASONIC-EXC24CE360UP Datasheet
629Kb / 5P
   Common mode Noise Filters
EXC24CG240U PANASONIC-EXC24CG240U Datasheet
315Kb / 5P
   Common mode Noise Filters
EXC24CH500U PANASONIC-EXC24CH500U Datasheet
287Kb / 5P
   Common mode Noise Filters
logo
TDK Electronics
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
   Common Mode Filters
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
   Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
   COMMON MODE FILTERS
logo
TDK Electronics
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
   Common mode filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com