Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-PLCC32-Z-P-T-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CA-PLCC32-Z-P-T-01
Description  PLCC Carier Adaptor 32 position PLCC socket with test probes to pluggable PLCC emulator foot.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC32-Z-P-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC32-Z-P-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.018"±0.001"dia.typ.
0.050"
0.586"
0.050"
0.457"
0.218"
Top View
1.378"Assembled
0.269"
0.207"
1.500"
1.600"
Date: 8/17/94
CA-PLCC32-Z-P-T-01 Drawing
Rev: D
Status: Released
File: CA-PLCC032-Z-P-T-01 Dwg
Modified: 3/1/99
Side View
Scale: 2:1
Drawing: M Lund
Description: PLCC Carier Adaptor
32 position PLCC socket with test probes to pluggable PLCC emulator foot. Two piece system with gold contact
mini-grid interface.
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
1
2
Substrate: 0.0625"±0.007" FR4/G10 or
equivalent high temp material.
Pins: shell material- Brass; finish- 10µ" gold
over 50µ" nickel (min.).
3
Pins: shell material- Brass; shell finish- 10µ"
Gold over 50µ" Nickel (min.). Contact
material- Beryllium copper; contact finish
10µ" Gold over 100µ" Nickel (min.)
3
2
1
1
© 1994 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Relative Orientaion of top to plug
PLCC
plug
chamfer
PLCC socket chamfer
TOP VIEWS


Similar Part No. - CA-PLCC32-Z-P-T-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-PLCC32-Z-P-01 IRONWOOD-CA-PLCC32-Z-P-01 Datasheet
25Kb / 1P
   PLCC Carier Adaptor 32 position PLCC socket to pluggable PLCC emulator foot. Two piece system with gold contact mini-grid interface.
More results

Similar Description - CA-PLCC32-Z-P-T-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-PLCC20-Z-J-T-01 IRONWOOD-CA-PLCC20-Z-J-T-01 Datasheet
23Kb / 1P
   PLCC Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC32-Z-P-01 IRONWOOD-CA-PLCC32-Z-P-01 Datasheet
25Kb / 1P
   PLCC Carier Adaptor 32 position PLCC socket to pluggable PLCC emulator foot. Two piece system with gold contact mini-grid interface.
CA-PLCC052-Z-J-T-01 IRONWOOD-CA-PLCC052-Z-J-T-01 Datasheet
30Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC028-Z-J-T-01 IRONWOOD-CA-PLCC028-Z-J-T-01 Datasheet
24Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC044-Z-C-T-01 IRONWOOD-CA-PLCC044-Z-C-T-01 Datasheet
27Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC044-Z-J-T-01 IRONWOOD-CA-PLCC044-Z-J-T-01 Datasheet
28Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC084-Z-J-T-01 IRONWOOD-CA-PLCC084-Z-J-T-01 Datasheet
28Kb / 1P
   Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC32-Z-J-T-01 IRONWOOD-CA-PLCC32-Z-J-T-01 Datasheet
36Kb / 1P
   Carrier Adapter 32 position PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC068-Z-J-T-01 IRONWOOD-CA-PLCC068-Z-J-T-01 Datasheet
28Kb / 1P
   Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probe to surface mountable PLCC emulator foot.
CA-PLCC32-Z-J-01 IRONWOOD-CA-PLCC32-Z-J-01 Datasheet
33Kb / 1P
   Carrier Adapter 32 position PLCC ZIF socket to surface mountable PLCC emulator foot.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com