Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQV1J684JM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQV1J684JM
Description  Plastic Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1J684JM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQV1J684JM Datasheet HTML 1Page - Panasonic Semiconductor ECQV1J684JM Datasheet HTML 2Page - Panasonic Semiconductor ECQV1J684JM Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
ISpecifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
– 40 ˚C to + 105 ˚C
50 VDC, 63 VDC, 100 VDC
(Derating of rated voltage by 2.5 %/˚C at more than 85 ˚C)
0.010 µF to 2.2 µF
± 5 %(J)
tan <
=1.0 % (20 ˚C, 1 kHz)
Between terminals : Rated volt. (VDC) 150 % 60 s
Insulation resistance (IR)
Type:
ECQV(L)/(M)
Stacked Metallized Plastic Film Capacitor
Designed for high density insertion applications.
IFeatures
Small size and large capacitance
Excellent electric characteristics in non-inductive
construction
Wide range for automatic insertion
RoHS directive compliant
IRecommended Applications
General purpose
Noise suppression for logic circuit
IExplanation of Part Numbers
123456789
10
11
12
E
C
Q
V
Product code
Dielectric &
construction
Rated voltage
Capacitance
J
Cap. Tol. Suffix
Suffix
IDimensions in mm (not to scale)
IPackaging Specifications for Bulk Package
IPacking quantity:100 pcs./bag
C <
= 0.33 µF : IR>
=3000 M
20 ˚C, 50 VDC, 60 s ECQV1H, ECQV1J
C > 0.33 µF : IR>
=1000 M
Ω . µF
20 ˚C, 100 VDC, 60 s ECQV1
()
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please
refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
1H
1J
1
50 VDC
63 VDC
100 VDC
L
M
50 VDC
63 VDC
100 VDC
Suffix
Blank
W
2
3
5
9
Lead Form
Straight
Crimped lead
Straight taping (Ammo)
Crimped taping (Ammo)
Straight taping (Reel)
Crimped taping (Reel)


Similar Part No. - ECQV1J684JM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1J684JM PANASONIC-ECQV1J684JM Datasheet
245Kb / 9P
   Designed for application where high density insertion of components is required.
ECQV1J684JM PANASONIC-ECQV1J684JM Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1J684JM PANASONIC-ECQV1J684JM Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1J684JM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com