Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE2W225MHR Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQE2W225MHR
Description  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2W225MHR Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQE2W225MHR Datasheet HTML 1Page - Panasonic Semiconductor ECQE2W225MHR Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
GPackaging Specifications
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 450 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K)
【Standard type】
Style
D
E
Lead Spacing
7.5 mm
7.5 mm
❈See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
GLead Spacing
❈Please consult us for crimped lead and taping.
ITaping Specifications for
Automatic Insertion
GTaping style
❈Refer to the page of taping
specifications.
IDimensions in mm (not to scale)
IPackaging Specifications for Bulk Package
Packing quantity:100 pcs./bag
Part No.
Cap.
(µF)
Ammo
7.5 mm
Quantity
Dimensions (mm)
L max.
T max.
F
ød
H max.
G max.
ECQE2W684L24
ECQE2W105L24
ECQE2W155L02
ECQE2W225L02
0.68
1.00
1.50
2.20
18.2
18.2
25.7
25.7
08.1
09.7
09.4
11.3
13.3
14.9
14.2
16.2
15.0
15.0
22.5
22.5
1.0
1.0
1.0
1.0
0.8
0.8
0.8
0.8
500
400
【Low Profile type complying with passive flammability category B based on IEC60065】
Capacitance tolerance code
L
Suffix for lead crimped
L
Part No.
Cap.
(µF)
Ammo
7.5 mm
Quantity
Dimensions (mm)
L max.
T max.
S
H max.
F
Straight
Crimped lead
Straight
Crimped lead Straight
ECQE2W104MH(
)
ECQE2W154MH(
)
ECQE2W224MH(
)
ECQE2W334MH(
)
ECQE2W474MH(
)
ECQE2W684MH(
)
ECQE2W105MH(
)
ECQE2W155MH(
)
ECQE2W225MH(
)
0.10
0.15
0.22
0.33
0.47
0.68
1.00
1.50
2.20
12.7
12.7
12.7
12.7
12.7
18.2
18.2
25.7
25.7
4.2
4.9
5.8
6.5
7.7
6.9
8.5
8.2
9.4
10.9
11.6
12.5
14.7
16.0
15.3
16.9
16.2
19.7
15.9
16.6
17.5
19.7
21.0
20.3
21.9
21.2
24.7
10.0
10.0
10.0
10.0
10.0
15.0
15.0
22.5
22.5
G max.
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
05.0
05.0
05.0
05.0
05.0
10.0
10.0
15.0
15.0
ød
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
1500
1000
1000
0900
0800
0500
0400
❈Please consult us for low profile type.
Type
Rated volt.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
Packing
suffix
ECQE(H)
450 VDC
0.10 to 0.47
0.68 to 1.03
Ammo
Ammo
R() H
R() H


Similar Part No. - ECQE2W225MHR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2W225JH PANASONIC-ECQE2W225JH Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQE2W225JHB PANASONIC-ECQE2W225JHB Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQE2W225KH PANASONIC-ECQE2W225KH Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQE2W225KHB PANASONIC-ECQE2W225KHB Datasheet
86Kb / 2P
   Plastic Film Capacitors
More results

Similar Description - ECQE2W225MHR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com